Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 44 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 44 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 40Page - SPANSION MB9BF412R Datasheet HTML 41Page - SPANSION MB9BF412R Datasheet HTML 42Page - SPANSION MB9BF412R Datasheet HTML 43Page - SPANSION MB9BF412R Datasheet HTML 44Page - SPANSION MB9BF412R Datasheet HTML 45Page - SPANSION MB9BF412R Datasheet HTML 46Page - SPANSION MB9BF412R Datasheet HTML 47Page - SPANSION MB9BF412R Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B410R-DS706-00026-3v0-E
41
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
Multi-
function
Timer
1
DTTI1X_0
Input signal controlling wave form generator
outputs RTO10 to RTO15 of Multi-function
timer 1.
8
D5
8
86
DTTI1X_1
39
K6
44
17
FRCK1_0
16-bit free-run timer ch.1 external clock
input pin
87
D7
102
65
FRCK1_1
44
J7
49
22
IC10_0
16-bit input capture ch.1 input pin of
Multi-function timer 1.
ICxx describes channel number.
88
A6
103
66
IC10_1
40
J6
45
18
IC11_0
89
B6
104
67
IC11_1
41
L7
46
19
IC12_0
90
C6
105
68
IC12_1
42
K7
47
20
IC13_0
91
A5
106
69
IC13_1
43
H6
48
21
RTO10_0
(PPG10_0)
Wave form generator output pin of
Multi-function timer 1.
This pin operates as PPG10 when it is used in
PPG1 output modes.
2
C1
2
80
RTO10_1
(PPG10_1)
27
J4
32
5
RTO11_0
(PPG10_0)
Wave form generator output pin of
Multi-function timer 1.
This pin operates as PPG10 when it is used in
PPG1 output modes.
3
C2
3
81
RTO11_1
(PPG10_1)
28
L5
33
6
RTO12_0
(PPG12_0)
Wave form generator output pin of
Multi-function timer 1.
This pin operates as PPG12 when it is used in
PPG1 output modes.
4
B3
4
82
RTO12_1
(PPG12_1)
29
K5
34
7
RTO13_0
(PPG12_0)
Wave form generator output pin of
Multi-function timer 1.
This pin operates as PPG12 when it is used in
PPG1 output modes.
5
D1
5
83
RTO13_1
(PPG12_1)
30
J5
35
8
RTO14_0
(PPG14_0)
Wave form generator output pin of
Multi-function timer 1.
This pin operates as PPG14 when it is used in
PPG1 output modes.
6
D2
6
84
RTO14_1
(PPG14_1)
31
H5
36
9
RTO15_0
(PPG14_0)
Wave form generator output pin of
Multi-function timer 1.
This pin operates as PPG14 when it is used in
PPG1 output modes.
7
D3
7
85
RTO15_1
(PPG14_1)
32
L6
37
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com