Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 35 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 35 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 31Page - SPANSION MB9BF412R Datasheet HTML 32Page - SPANSION MB9BF412R Datasheet HTML 33Page - SPANSION MB9BF412R Datasheet HTML 34Page - SPANSION MB9BF412R Datasheet HTML 35Page - SPANSION MB9BF412R Datasheet HTML 36Page - SPANSION MB9BF412R Datasheet HTML 37Page - SPANSION MB9BF412R Datasheet HTML 38Page - SPANSION MB9BF412R Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 121 page
background image
D a t a S h e e t
32
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
External
Bus
MADATA0_0
External bus interface data bus
(Address / data multiplex bus)
2
C1
2
80
MADATA1_0
3
C2
3
81
MADATA2_0
4
B3
4
82
MADATA3_0
5
D1
5
83
MADATA4_0
6
D2
6
84
MADATA5_0
7
D3
7
85
MADATA6_0
8
D5
8
86
MADATA7_0
9
E1
9
87
MADATA8_0
10
E2
10
88
MADATA9_0
11
E3
11
89
MADATA10_0
12
E4
12
90
MADATA11_0
13
F1
13
91
MADATA12_0
14
F2
14
92
MADATA13_0
15
F3
15
93
MADATA14_0
16
G1
16
94
MADATA15_0
17
G2
17
95
MDQM0_0
External bus interface byte mask signal
output pin
90
C6
105
68
MDQM1_0
91
A5
106
69
MALE_0
External bus interface Address Latch
enable output signal for multiplex
89
B6
104
67
MRDY_0
External bus interface external RDY input
signal
96
C4
116
74
MCLKOUT_0
External bus interface external clock
output pin
84
A7
99
62
MNALE_0
External bus interface ALE signal to
control NAND Flash output pin
-
-
18
-
MNCLE_0
External bus interface CLE signal to
control NAND Flash output pin
-
-
19
-
MNREX_0
External bus interface read enable signal to
control NAND Flash
-
-
21
-
MNWEX_0
External bus interface write enable signal
to control NAND Flash
-
-
20
-
MOEX_0
External bus interface read enable signal
for SRAM
94
C5
114
72
MWEX_0
External bus interface write enable signal
for SRAM
93
D6
113
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com