Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 100 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 100 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 96Page - SPANSION MB9BF412R Datasheet HTML 97Page - SPANSION MB9BF412R Datasheet HTML 98Page - SPANSION MB9BF412R Datasheet HTML 99Page - SPANSION MB9BF412R Datasheet HTML 100Page - SPANSION MB9BF412R Datasheet HTML 101Page - SPANSION MB9BF412R Datasheet HTML 102Page - SPANSION MB9BF412R Datasheet HTML 103Page - SPANSION MB9BF412R Datasheet HTML 104Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B410R-DS706-00026-3v0-E
97
CONFIDENTIAL
(11) Quadrature Position/Revolution Counter timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Value
Unit
Min
Max
AIN pin H width
tAHL
-
2tCYCP*
-
ns
AIN pin L width
tALL
-
BIN pin H width
tBHL
-
BIN pin L width
tBLL
-
BIN rise time from
AIN pin H level
tAUBU
PC_Mode2 or
PC_Mode3
AIN fall time from
BIN pin H level
tBUAD
PC_Mode2 or
PC_Mode3
BIN fall time from
AIN pin L level
tADBD
PC_Mode2 or
PC_Mode3
AIN rise time from
BIN pin L level
tBDAU
PC_Mode2 or
PC_Mode3
AIN rise time from
BIN pin H level
tBUAU
PC_Mode2 or
PC_Mode3
BIN fall time from
AIN pin H level
tAUBD
PC_Mode2 or
PC_Mode3
AIN fall time from
BIN pin L level
tBDAD
PC_Mode2 or
PC_Mode3
BIN rise time from
AIN pin L level
tADBU
PC_Mode2 or
PC_Mode3
ZIN pin H width
tZHL
QCR:CGSC=0
ZIN pin L width
tZLL
QCR:CGSC=0
AIN/BIN rise and fall time
from determined ZIN level
tZABE
QCR:CGSC=1
Determined ZIN level from
AIN/BIN rise and fall time
tABEZ
QCR:CGSC=1
*: tCYCP indicates the APB bus clock cycle time.
About the APB bus number which Quadrature Position/Revolution Counter is connected to, see "■ Block
Diagram" in this data sheet.
AIN
BIN
tAUBU
tBUAD
tADBD
tBDAU
tAHL
tALL
tBHL
tBLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com