Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5934 Datasheet HTML 3Page - Anpec Electronics Coropration APL5934 Datasheet HTML 4Page - Anpec Electronics Coropration APL5934 Datasheet HTML 5Page - Anpec Electronics Coropration APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration APL5934 Datasheet HTML 10Page - Anpec Electronics Coropration APL5934 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
7
APL5934
Typical Operating Characteristics
Dropout Voltage vs. Output Current
Output Current, IOUT (A)
0
0.5
1
2
3
1.5
2.5
0
100
200
300
400
VCNTL=5V
VOUT=1.2V
SOP-8P
TJ=125
OC
TJ=-40
OC
TJ=25
OC
Dropout Voltage vs. Output Current
Output Current, IOUT (A)
0
0.5
1
2
3
1.5
2.5
0
100
200
300
400
VCNTL=3.3V
VOUT=1.2V
SOP-8P
TJ=125
OC
TJ=-40
OC
TJ=25
OC
Dropout Voltage vs. Output Current
Output Current, IOUT (A)
0
0.5
1
2
3
1.5
2.5
0
100
200
300
400
VCNTL=5V
VOUT=1.8V
SOP-8P
TJ=125
OC
TJ=-40
OC
TJ=25
OC
Dropout Voltage vs. Output Current
Output Current, IOUT (A)
0
0.5
1
2
3
1.5
2.5
0
100
200
300
400
VCNTL=5V
VOUT=2.5V
SOP-8P
TJ=125
OC
TJ=-40
OC
TJ=25
OC
Reference Voltage vs. Junction
Temperature
0.79
0.8
0.805
Junction Temperature (
OC)
-50
-10
30
110
150
70
0.795
0.81
VIN Power Supply Rejection Ratio
(PSRR)
- 100
-40
-20
Frequency (Hz)
20
100
1k
10k
200k
-80
0
-60
VCNTL=5V
VIN=1.2V
VINPK-PK=100mV
VOUT=0.8V
RL=10
Ω
CIN=10
µF
COUT=10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com