Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5934 Datasheet HTML 1Page - Anpec Electronics Coropration APL5934 Datasheet HTML 2Page - Anpec Electronics Coropration APL5934 Datasheet HTML 3Page - Anpec Electronics Coropration APL5934 Datasheet HTML 4Page - Anpec Electronics Coropration APL5934 Datasheet HTML 5Page - Anpec Electronics Coropration APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934
Features
•
Ultra Low Dropout
- 0.23V(typical) at 3A Output Current
•
Low ESR Output Capacitor (Multi-layer
Chip Capacitors (MLCC)) Applicable
•
0.8V Reference Voltage
•
High Output Accuracy
-
±1.5% over Line, Load, and Temperature Range
•
Fast Transient Response
•
Adjustable Output Voltage
•
Power-On-Reset Monitoring on Both VCNTL and
VIN Pins
•
Internal Soft-Start
•
Current-Limit and Short Current-Limit Protections
• Thermal Shutdown with Hysteresis
• Open-Drain VOUT Voltage Indicator (POK)
• Low Shutdown Quiescent Current
•
Shutdown/Enable Control Function
•
Simple SOP-8P and TDFN3x3-10 Packages with
Exposed Pad
• Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APL5934 is a 3A ultra low dropout linear regulator.
The IC needs two supply voltages, one is a control voltage
(V
CNTL) for the control circuitry, the other is a main supply
voltage (V
IN) for power conversion, to reduce power dissi-
pation and provide extremely low dropout voltage.
The APL5934/B integrates many functions. A Power-On-
Reset (POR) circuit monitors both supply voltages on
VCNTL and VIN pins to prevent erroneous operations.
The functions of thermal shutdown and current-limit pro-
tect the device against thermal and current over-loads. A
POK indicates the output voltage status with a delay time
set internally. It can control other converter for power
sequence. The APL5934/B can be enabled by other power
systems. Pulling and holding the EN/ENB voltage below
0.4V shut/enable off the output.
The APL5934 is available in a SOP-8P package which
features small size as SOP-8 and an Exposed Pad to
reduce the junction-to-case resistance to extend power
range of applications.
•
Front Side Bus VTT (1.2V/3A)
•
Note Book PC Applications
•
Motherboard Applications
Simplified Application Circuit
VCNTL
VOUT
VIN
GND
VOUT
VCNTL
POK
VIN
EN
Enable
EN
POK
APL5934/C
FB
Optional
VCNTL
VOUT
VIN
GND
VOUT
VCNTL
POK
VIN
ENB
Enable
ENB
POK
APL5934B/D
FB
Optional


Similar Part No. - APL5934

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5934 ANPEC-APL5934 Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934BKAI-TRG ANPEC-APL5934BKAI-TRG Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934BQBI-TRG ANPEC-APL5934BQBI-TRG Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934CKAI-TRG ANPEC-APL5934CKAI-TRG Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934CQBI-TRG ANPEC-APL5934CQBI-TRG Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results

Similar Description - APL5934

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5930 ANPEC-APL5930 Datasheet
304Kb / 17P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5930 ANPEC-APL5930_13 Datasheet
353Kb / 20P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5932A ANPEC-APL5932A Datasheet
489Kb / 21P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5933A ANPEC-APL5933A Datasheet
445Kb / 23P
3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
APL5934 ANPEC-APL5934_18 Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5932 ANPEC-APL5932 Datasheet
489Kb / 21P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com