Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration APL5934 Datasheet HTML 10Page - Anpec Electronics Coropration APL5934 Datasheet HTML 11Page - Anpec Electronics Coropration APL5934 Datasheet HTML 12Page - Anpec Electronics Coropration APL5934 Datasheet HTML 13Page - Anpec Electronics Coropration APL5934 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
10
APL5934
Operating Waveforms (Cont.)
Enable
COUT=10
µF,C
IN=10
µF
CH1:VEN,5V/Div, DC
CH2:VOUT,1V/Div, DC
CH3:VPOK,5V/Div, DC
CH4:IOUT,2A/Div, DC
TIME:1ms/Div
1
2
VEN
VOUT
VPOK
IOUT
3
4
Shutdown
COUT=10
µF,CIN=10µF
CH1:VEN,5V/Div, DC
CH2:VOUT,1V /Div, DC
CH3:VPOK,5V /Div, DC
CH4:IOUT,2A/Div, DC
TIME:2
µs/Div
1
2
VEN
VOUT
VPOK
IOUT
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com