Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APL5934 Datasheet HTML 11Page - Anpec Electronics Coropration APL5934 Datasheet HTML 12Page - Anpec Electronics Coropration APL5934 Datasheet HTML 13Page - Anpec Electronics Coropration APL5934 Datasheet HTML 14Page - Anpec Electronics Coropration APL5934 Datasheet HTML 15Page - Anpec Electronics Coropration APL5934 Datasheet HTML 16Page - Anpec Electronics Coropration APL5934 Datasheet HTML 17Page - Anpec Electronics Coropration APL5934 Datasheet HTML 18Page - Anpec Electronics Coropration APL5934 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
15
APL5934
Application Information
........... (V)
Power Sequencing
Output Capacitor
Input Capacitor
Setting Output Voltage


 +
⋅
=
R2
R1
1
0.8
VOUT
The power sequencing of VIN and VCNTL is not neces-
sary to be concerned. However, do not apply a voltage to
VOUT for a long time when the main voltage applied at
VIN is not present. The reason is the internal parasitic
diode from VOUT to VIN conducts and dissipates power
without protections due to the forward-voltage.
The APL5934 requires a proper output capacitor to main-
tain stability and improve transient response. The output
capacitor selection is dependent upon ESR (equivalent
series resistance) and capacitance of the output capaci-
tor over the operating temperature.
Ultra-low-ESR capacitors (such as ceramic chip
capacitors) and low-ESR bulk capacitors (such as solid
tantalum, POSCap, and Aluminum electrolytic capacitors)
can all be used as output capacitors.
During load transients, the output capacitors, depending
on the stepping amplitude and slew rate of load current,
are used to reduce the slew rate of the current seen by
the APL5934 and help the device to minimize the varia-
tions of output voltage for good transient response. For
the applications with large stepping load current, the low-
ESR bulk capacitors are normally recommended.
Decoupling ceramic capacitors must be placed at the
load and ground pins as close as possible and the im-
pedance of the layout must be minimized.
The APL5934 requires proper input capacitors to supply
current surge during stepping load transients to prevent
the input voltage rail from dropping. Because the para-
sitic inductor from the voltage sources or other bulk ca-
pacitors to the VIN pin limit the slew rate of the surge
currents, more parasitic inductance needs more input
capacitance. Ultra-low-ESR capacitors (such as ceramic
chip capaci- tors) and low-ESR bulk capacitors (such as
solid tantalum, POSCap, and Aluminum electrolytic
capacitors) can all be used as an input capacitor of VIN.
For most applications, the recommended input capaci-
tance of VIN is 10
µF at least.
However, if the drop of the input voltage is not cared, the
input capacitance can be less than 10
µF. More capaci-
tance reduces the variations of the supply voltage on VIN
pin.
The output voltage is programmed by the resistor divider
connected to FB pin. The preset output voltage is calcu-
lated by the following equation :
Where R1 is the resistor connected from VOUT to FB with
Kelvin sensing connection and R2 is the resistor con-
nected from FB to GND. A bypass capacitor(C1) may be
connected with R1 in parallel to improve load transient
response and stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com