Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5934 Datasheet HTML 1Page - Anpec Electronics Coropration APL5934 Datasheet HTML 2Page - Anpec Electronics Coropration APL5934 Datasheet HTML 3Page - Anpec Electronics Coropration APL5934 Datasheet HTML 4Page - Anpec Electronics Coropration APL5934 Datasheet HTML 5Page - Anpec Electronics Coropration APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
4
APL5934
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VCNTL
VCNTL Supply Voltage
3.0 ~ 5.5
V
VIN
VIN Supply Voltage
1.2 ~ 5.5
V
VOUT
VOUT Output Voltage (when VCNTL-VOUT>1.9V)
0.8 ~ VIN – VDROP
V
Continuous Current
0 ~ 3
IOUT
VOUT Output Current
Peak Current
0 ~ 4
A
IOUT = 3A at 25% nominal VOUT
8 ~ 1100
IOUT = 2A at 25% nominal VOUT
8 ~ 1700
COUT
VOUT Output Capacitance
IOUT = 1A at 25% nominal VOUT
8 ~ 2400
µF
ESRCOUT
ESR of VOUT Output Capacitor
0 ~ 200
m
Ω
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=1.8V, VOUT= 1.2V and TA= -40 ~ 85
oC. Typical values
are at T
A=25
oC.
AP L5934
S ymbol
Param eter
Tes t Condit ions
Min.
Typ.
Max.
Unit
SUP PLY CURRENT
IVCNTL
VCNTL Sup ply Cur rent
EN = High or ENB = Low, IOUT=0A
-
100
120
µA
ISD
VCNTL Sup ply Cur rent at Sh utd own
EN = Low, or ENB = High
-
-
3
µA
VIN Su pply Cu rrent at Sh utd own
EN = Low, or ENB = High
-
-
1
µA
PO WER-ON-RES ET ( POR)
Ri sin g V CNTL PO R Threshol d
2.5
2.7
2.9
V
VCNTL PO R Hystere sis
-
0.4
-
V
Ri sin g V IN PO R Thresho ld
0.8
0.9
1.0
V
VIN PO R Hystere sis
-
0.5
-
V
Thermal Characteristics
S ymbol
Pa ram ete r
Typica l Value
Unit
θJA
Ju nctio n-to-Ambi ent Resistance in Fre e Ai r
(No te 2 )
S OP- 8P
TDFN3 x3- 10
65
50
oC/W
θJC
Ju nctio n-to-Case Resistance in Free A ir
(Note 3)
S OP- 8P
TDFN3 x3- 10
8
8
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8P/ TDFN3x3-10 is soldered directly on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com