Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5934 Datasheet HTML 2Page - Anpec Electronics Coropration APL5934 Datasheet HTML 3Page - Anpec Electronics Coropration APL5934 Datasheet HTML 4Page - Anpec Electronics Coropration APL5934 Datasheet HTML 5Page - Anpec Electronics Coropration APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration APL5934 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
6
APL5934
Pin Description
P IN
NO.
SOP -8P
TDFN3 x3-10
NAME
FUNCTIO N
1
-
G ND
Gro und pin of the circui try. All voltage levels are measure d with respect to th is
pin .
2
2
FB
Vo lta ge Fe edba ck Pin. Co nnecting this pi n to an exte rnal resistor divider
receives th e fe edback vol ta ge of the regu lator.
3,4
3,4,5
VOUT
Ou tpu t pin o f the regu lator. Conne cting this pin to load an d output ca pacito rs
(10
µF at least) is required for stability and improving transient response. The
outpu t voltage is prog rammed by th e resistor-divide r conne cted to FB pin. The
VO UT can provide 3A (max.) loa d curr ent to load s. Du ring shutdown, the ou tp ut
voltage is q uickly discharg ed by an i nte rnal pu ll-low MO SFET.
5
6,7,8
VIN
Main supp ly inp ut pin for voltage conversions. A d ecoupli ng cap acito r (
≥10µF
recommen ded) i s usua lly con necte d near this pi n to filter the voltage n oise and
impro ve transie nt respo nse. The voltage on this p in is monitore d for
Po wer -On-Re se t pu rpose.
6
1 0
VCNTL
Bia s voltag e inpu t pi n fo r internal co ntr ol circu itry. Conn ect this pin to a voltage
source (+5V recommen ded). A decoup ling capacitor (0.1
µF typical) is usually
conne cted nea r this pin to filter the voltage noise. The voltag e at this pin is
mon itor ed fo r P ower-On -Reset pu rpose.
7
1
POK
Po wer -OK signa l o utp ut pin . Th is pin is a n o pen-d rain outpu t used to ind ica te
the statu s o f ou tp ut voltag e by sensing FB voltage . This pi n is pulled low wh en
outpu t voltage is n ot within the Power-O K voltage windo w.
EN
(A PL5 934/C)
Active -high en able control pin. A pplying an d h oldin g the voltage on th is pin
bel ow the ena ble voltage thresho ld sh uts down the outpu t. Wh en re-en abled ,
the IC und ergoe s a new soft-start proce ss. W hen l eave this pin o pen, an
intern al pull- up/low curr ent (3
µA typical) pulls the EN voltage and enables/shuts
down the regu lator.
8
9
ENB
(A PL59 34B /D)
Active -low enab le control pin . Ap plying and holdi ng the vo ltage on this pin
bel ow the ena ble voltage thresho ld sh uts down the outpu t. Wh en re-en abled ,
the IC und ergoe s a new soft-start proce ss. W hen l eave this pin o pen, an
intern al pull-u p/low curre nt (3
µA typical) pulls the ENB voltage and shuts
down/en ables the regu lator.
Exposed
Pad
E xpo se d
P ad
G ND
Gro und pin of th e circuitry. Conn ect th e exp osed pad to the system grou nd plan
with la rge copp er area for dissipating hea t into the ambient air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com