Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APL5934 Datasheet HTML 12Page - Anpec Electronics Coropration APL5934 Datasheet HTML 13Page - Anpec Electronics Coropration APL5934 Datasheet HTML 14Page - Anpec Electronics Coropration APL5934 Datasheet HTML 15Page - Anpec Electronics Coropration APL5934 Datasheet HTML 16Page - Anpec Electronics Coropration APL5934 Datasheet HTML 17Page - Anpec Electronics Coropration APL5934 Datasheet HTML 18Page - Anpec Electronics Coropration APL5934 Datasheet HTML 19Page - Anpec Electronics Coropration APL5934 Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
16
APL5934
Layout Consideration
Figure 2
Thermal Consideration
1.
Please solder the Exposed Pad on the ground pad
on the top-layer of PCBs. The ground pad must have
wide size to conduct heat into the ambient air through
the ground plane and PCB as a heat sink.
2.
Please place the input capacitors for VIN and VCNTL
pins near the pins as close as possible for
decoupling high-frequency ripples.
3.
Ceramic decoupling capacitors for load must be
placed near the load as close as possible for
decoupling high-frequency ripples.
4.
To place APL5934 and output capacitors near the
load reduces parasitic resistance and inductance
for excellent load transient response.
5.
The negative pins of the input and output capacitors
and the GND pin must be connected to the ground
plane of the load.
6.
Large current paths, shown by bold lines on the fig-
ure 1, must have wide tracks.
7.
Place the R1, R2, and C1 near the APL5934 as close
as possible to avoid noise coupling.
8.
Connect the ground of the R2 to the GND pin by us-
ing a dedicated track.
9.
Connect the one pin of the R1 to the load for Kelvin
sensing.
10. Connect one pin of the C1 to the VOUT pin for reli-
able feedback compensation.
Refer to the figure 2, the SOP-8P is a cost-effective pack-
age featuring a small size like a standard SOP-8 and a
bottom exposed pad to minimize the thermal resistance
of the package, being applicable to high current applica-
tions. The exposed pad must be soldered to the top-layer
VIN plane. The copper of the VIN plane on the Top layer
conducts heat into the PCB and ambient air. Please en-
large the area of the top-layer pad and the VIN plane to
reduce the case-to-ambient resistance (
θ
CA).
Recommended Minimum Footprint
0.050
0.024
1
2
3
4
8
7
6
5
0.138
Unit : Inch
SOP-8P
Exposed Pad
Die
Top ground
plane
PCB
Ambient
Air
118 mil
102 mil
SOP-8P
5
6
7
8
1
2
3
4
Top VOUT plane
VCNTL
VOUT
CCNTL
VIN
GND
VOUT
VCNTL
VIN
CIN
COUT
APL5934
R1
C1
FB
R2
Load
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com