Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5934 Datasheet HTML 1Page - Anpec Electronics Coropration APL5934 Datasheet HTML 2Page - Anpec Electronics Coropration APL5934 Datasheet HTML 3Page - Anpec Electronics Coropration APL5934 Datasheet HTML 4Page - Anpec Electronics Coropration APL5934 Datasheet HTML 5Page - Anpec Electronics Coropration APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
3
APL5934
S ymbol
Pa ram ete r
Rating
Unit
V IN
VIN Su pply Vo ltag e (VIN to GND)
-0.3 ~ 6
V
VCNTL
VCNTL Su pply Vo ltag e ( VCNTL to G ND)
-0.3 ~ 6
V
VOUT
VOUT to GND Vo ltag e
-0.3 ~ VIN +0.3
V
POK to GND Voltage
-0.3 ~ 6
V
EN, FB to G ND Volta ge
-0.3 ~ VCNTL +0.3
V
P
D
Power Dissipation, T
A= 25
oC
1 .5
W
IOUT(PK)
VOUT P eak Cu rrent (<30
µs)
9
A
T
J
Ma xim um Junction Tempera tu re
15 0
o C
TSTG
Sto rage Temperature
-65 ~ 1 50
o C
TSDR
Ma xim um Le ad So lderin g Tempe ratu re, 1 0 S econd s
26 0
o
C
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Ordering and Marking Information
APL5934
Handling Code
Temperature Range
Package Code
Product Code (Enable Function)
Blank : Avtive High/Initial On
B : Active Low/ Intitial On
C : Active High/Initial Off
D : Active Low/Initial Off
Package Code
KA : SOP-8P
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APL5934 KA :
APL5934
XXXXX
XXXXX - Date Code
APL5934 QB :
APL
5934
XXXXX
XXXXX - Date Code
Product Code
APL5934B KA :
L5934B
XXXXX
XXXXX - Date Code
APL5934B QB :
APL
5934B
XXXXX
XXXXX - Date Code
APL5934C KA :
L5934C
XXXXX
XXXXX - Date Code
APL5934C QB :
APL
5934C
XXXXX
XXXXX - Date Code
APL5934D KA :
L5934D
XXXXX
XXXXX - Date Code
APL5934D QB :
APL
5934D
XXXXX
XXXXX - Date Code
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com