Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5934 Datasheet HTML 1Page - Anpec Electronics Coropration APL5934 Datasheet HTML 2Page - Anpec Electronics Coropration APL5934 Datasheet HTML 3Page - Anpec Electronics Coropration APL5934 Datasheet HTML 4Page - Anpec Electronics Coropration APL5934 Datasheet HTML 5Page - Anpec Electronics Coropration APL5934 Datasheet HTML 6Page - Anpec Electronics Coropration APL5934 Datasheet HTML 7Page - Anpec Electronics Coropration APL5934 Datasheet HTML 8Page - Anpec Electronics Coropration APL5934 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
5
APL5934
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=1.8V, VOUT= 1.2V and TA= -40 ~ 85
oC. Typical values
are at T
A=25
oC.
APL5 934
S ymbol
Param eter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT V OLTAGE
V REF
Referen ce Vo ltag e
FB=VOUT
-
0.8
-
V
O utp ut Voltage Accu racy
VCNTL=3.0 ~ 5.5V, IOUT= 0~3A,
TJ= -40~125
oC
-1 .5
-
+1.5
%
Lo ad Regula tio n
IOUT=0A ~3A
-
0 .06
0.25
%
Li ne Re gula tio n
IOUT=10mA, V CNTL= 3 .0 ~ 5.5V
- 0.15
-
+ 0 .15
% /V
V OUT Pu ll-low Re sistance
VCNTL=5V , VEN=0V, VOUT
<0.8V
-
8 5
-
Ω
FB Input Cu rrent
VFB=0 .8V
-100
-
100
n A
DROPO UT VO LTAG E
T
J=25
oC
-
0 .26
0.31
V OUT=2.5V
TJ=-40 ~125
oC
-
-
0.42
TJ=25
oC
-
0 .24
0.29
V OUT=1.8V
TJ=-40 ~125
oC
-
-
0.40
TJ=25
oC
-
0 .23
0.28
V DROP
V IN-to-VO UT Dropo ut Voltage
VCNTL=5.0V,
IOUT=3A
V OUT=1.2V
TJ=-40 ~125
oC
-
-
0.38
V
T
J=25
oC
4.7
5.7
6.7
ILIM
Curre nt-Limit Level
TJ= -40 ~ 125
o
C
4.2
-
-
A
PRO TE CTIONS
I
SH ORT
S hort Cu rrent-Limit Level
V
FB<0 .2V
-
1.1
-
A
S hort Cu rrent-Limit Blankin g
Time
From begin ning of so ft-start
0.6
1.5
-
ms
TSD
Ther mal Shutdown Temper ature
TJ risin g
-
150
-
o
C
Ther mal Shutdown Hystere sis
-
5 0
-
oC
ENABLE AND S OFT-START
E N Log ic High Thresho ld
Voltage
V EN/VENB
E NB L ogic Low Thre sh old
Voltage
VEN rising o r V ENB ri sin g
0.5
0.8
1.1
V
E N/ENB Hystere sis
-
0.1
-
V
E N/ENB Pu ll-High Curre nt
EN=GND or E NB = G ND
E N/ENB Pu ll-Low Curren t
EN=VCNTL or ENB = VCNTL
-
3
-
µA
tSS
S oft-Sta rt Interval
VOUT=10 % to 90 %
0.3
0.6
1.2
ms
Turn On Dela y
From being e nabl ed to VOUT risi ng 1 0%
6 0
120
230
µs
PO WER-OK AND DE LAY
VTHPOK
Rising PO K Th reshold Voltage
VFB r isin g
9 0
9 2
94
%
P OK Th reshold Hystere sis
-
8
-
%
P OK Pull -low Vol tag e
PO K sin ks 5mA
-
0 .25
0.4
V
P OK Debou nce Interval
VFB<falli ng POK voltage thresho ld
-
1 0
-
µs
P OK Delay Time
From VFB =VTHPOK to r isin g edge of th e V POK
1
2
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com