Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5934 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL5934
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5934 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL5934 Datasheet HTML 10Page - Anpec Electronics Coropration APL5934 Datasheet HTML 11Page - Anpec Electronics Coropration APL5934 Datasheet HTML 12Page - Anpec Electronics Coropration APL5934 Datasheet HTML 13Page - Anpec Electronics Coropration APL5934 Datasheet HTML 14Page - Anpec Electronics Coropration APL5934 Datasheet HTML 15Page - Anpec Electronics Coropration APL5934 Datasheet HTML 16Page - Anpec Electronics Coropration APL5934 Datasheet HTML 17Page - Anpec Electronics Coropration APL5934 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
www.anpec.com.tw
14
APL5934
Function Description
Power-On-Reset
Internal Soft-Start
Output Voltage Regulation
Current-Limit Protection
Short Current-Limit Protection
Thermal Shutdown
Enable Control
Power-OK and Delay
A Power-On-Reset (POR) circuit monitors both of supply
voltages on VCNTL and VIN pins to prevent wrong logic
controls. The POR function initiates a soft-start process
after both of the supply voltages exceed their rising POR
voltage thresholds during powering on. The POR func-
tion also pulls low the POK voltage regardless the output
status when one of the supply voltages falls below its
falling POR voltage threshold.
An internal soft-start function controls rise rate of the out-
put voltage to limit the current surge during start-up. The
typical soft-start interval is about 0.6 ms.
An error amplifier works with a temperature-com-
pensated 0.8V reference and an output NMOS regulates
output to the preset voltage. The error amplifier is de-
signed with high bandwidth and DC gain provides very
fast transient response and less load regulation. It com-
pares the reference with the feedback voltage and ampli-
fies the difference to drive the output NMOS which pro-
vides load current from VIN to VOUT.
The APL5934 monitors the current flowing through the
output NMOS and limits the maximum current to prevent
load and APL5934 from damages during current over-
load conditions.
The short current-limit function reduces the current-limit
level down to 1.1A (typical) when the voltage on FB pin
falls below 0.2V (typical) during current overload or short-
circuit conditions.
The short current-limit function is disabled for success-
ful start-up during soft-start interval.
A thermal shutdown circuit limits the junction tempera-
ture of APL5934. When the junction temperature exceeds
+170oC, a thermal sensor turns off the output NMOS, al-
lowing the device to cool down. The regulator regulates
the output again through initiation of a new soft-start pro-
cess after the junction temperature cools by 50oC, result-
ing in a pulsed output during continuous thermal over-
load conditions. The thermal shutdown is designed with
a 50oC hysteresis to lower the average junction tempera-
ture during continuous thermal overload conditions, ex-
tending lifetime of the device.
For normal operation, the device power dissipation should
be externally limited so that junction temperatures will
not exceed +125oC.
The APL5934/C has a dedicated enable pin (EN). A logic
low signal applied to this pin shuts down the output. Fol-
lowing a shutdown, a logic high signal re-enables the
output through initiation of a new soft-start cycle. When
left open, this pin is pulled up/low by an internal current
source (3
µA typical) to enable/shutdown normal
operation. It
’s not necessary to use an external transistor
to save cost.
The APL5934 indicates the status of the output voltage by
monitoring the feedback voltage (V
FB) on FB pin. As the
V
FB rises and reaches the rising Power-OK voltage thresh-
old (V
THPOK), an internal delay function starts to work. At
the end of the delay time, the IC turns off the internal
NMOS of the POK to indicate that the output is ok. As the
V
FB fal ls an d r ea che s t he fa lli ng Po we r -OK vol t age
threshold, the IC turns on the NMOS of the POK (after a
debounce time of 10
µs typical).
The APL5934B/D has a dedicated enable pin (ENB). A
logic high signal applied to this pin shuts down the output.
Following a shutdown, a logic low signal re-enables the
output through initiation of a new soft-start cycle. When
left open, this pin is pulled up/low by an internal current
source (3
µA typical) to shutdown/enable normal
operation. It
’s not necessary to use an external transistor
to save cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com