Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 2Page - Analog Devices ADN2913 Datasheet HTML 3Page - Analog Devices ADN2913 Datasheet HTML 4Page - Analog Devices ADN2913 Datasheet HTML 5Page - Analog Devices ADN2913 Datasheet HTML 6Page - Analog Devices ADN2913 Datasheet HTML 7Page - Analog Devices ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices ADN2913 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ADN2913
Data Sheet
Rev. A | Page 6 of 37
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OC-3
30 Hz
50.0
UI p-p
300 Hz
24.0
UI p-p
6500 Hz
14.4
UI p-p
65 kHz
0.80
UI p-p
1.3 MHz
0.61
UI p-p
1 Jitter transfer bandwidth is programmable by adjusting TRANBW[2:0] in the DPLLA register (Address 0x10).
2 Fibre Channel Physical Interface-4 standard, FC-PI-4, Rev 8.00, May 21, 2008.
3 Conditions of FC-PI-4, Rev 8.00, Table 27, 800-DF-EL-S apply.
4 Must have zero errors during the tests for an interval of time that is ≤10−12 BER to pass the tests.
OUTPUT AND TIMING SPECIFICATIONS
TA = TMIN to TMAX, VCC = VCCMIN to VCCMAX, VCC1 = VCC1MIN to VCC1MAX, VDD = VDDMIN to VDDMAX, VEE = 0 V, input data
pattern: PRBS 223 − 1, ac-coupled to 100 Ω differential termination load, I2C register default settings, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CML OUTPUT CHARACTERISTICS
Data Differential Output Swing
8GFC,1 DATA_SWING[3:0] setting = 0xC (default)
540
600
666
mV p-p
8GFC,1 DATA_SWING[3:0] setting = 0xF (maximum)
662
725
778
mV p-p
8GFC,1 DATA_SWING[3:0] setting = 0x4 (minimum
190
214
245
mV p-p
Clock Differential Output Swing
8GFC,1 CLOCK_SWING[3:0] setting = 0xC (default)
426
518
588
mV p-p
8GFC,1 CLOCK_SWING[3:0] setting = 0xF
(maximum)
489
603
680
mV p-p
8GFC, CLOCK_SWING[3:0] setting = 0x4 (minimum)
166
213
245
mV p-p
Output High Voltage
VOH, dc-coupled
VCC − 0.05
VCC −
0.025
VCC
V
Output Low Voltage
VOL, dc-coupled
VCC − 0.36
VCC −
0.325
VCC −
0.29
V
CML OUTPUT TIMING CHARACTERISTICS
Rise Time
20% to 80%, at 8GFC,1 DATOUTN/DATOUTP
20.4
33.1
44
ps
20% to 80%, at 8GFC,1 CLKOUTN/CLKOUTP
23.1
29.7
35.8
ps
Fall Time
80% to 20%, at 8GFC,1 DATOUTN/DATOUTP
23
34.2
46.8
ps
80% to 20%, at 8GFC,1 CLKOUTN/CLKOUTP
25
31.3
37.1
ps
Setup Time, Full Rate Clock
tS (see
Figure 2)
0.5
UI
Hold Time, Full Rate Clock
tH (see
Figure 2)
0.5
UI
Setup Time, Half Rate/DDR Clock
tS (see
Figure 3)
0.5
UI
Hold Time, Half Rate/DDR Clock
tH (see
Figure 3)
0.5
UI
I2C INTERFACE DC CHARACTERISTICS
LVTTL
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
VIN = 0.1 × VDD or VIN = 0.9 × VDD
−10.0
+10.0
μA
Output Low Voltage
VOL, IOL = 3.0 mA
0.4
V
I2C INTERFACE TIMING
See
Figure 22
SCK Clock Frequency
400
kHz
SCK Pulse Width High
tHIGH
600
ns
SCK Pulse Width Low
tLOW
1300
ns
Start Condition Hold Time
tHD;STA
600
ns
Start Condition Setup Time
tSU;STA
600
ns
Data Setup Time
tSU;DAT
100
ns
Data Hold Time
tHD;DAT
300
ns
SCK/SDA Rise/Fall Time
tR/tF
20 + 0.1 Cb2
300
ns
Stop Condition Setup Time
tSU;STO
600
ns
Bus Free Time Between Stop and
Start Conditions
tBUF
1300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com