Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 9Page - Analog Devices ADN2913 Datasheet HTML 10Page - Analog Devices ADN2913 Datasheet HTML 11Page - Analog Devices ADN2913 Datasheet HTML 12Page - Analog Devices ADN2913 Datasheet HTML 13Page - Analog Devices ADN2913 Datasheet HTML 14Page - Analog Devices ADN2913 Datasheet HTML 15Page - Analog Devices ADN2913 Datasheet HTML 16Page - Analog Devices ADN2913 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 13 of 37
I2C INTERFACE TIMING AND INTERNAL REGISTER DESCRIPTIONS
1
SLAVE ADDRESS[6:0]
SET BY
PIN 22
MSB = 1
0 = W
1 = R
R/W
CTRL.
00
00
0
x
x
Figure 18. Slave Address Configuration
S
SLAVE ADDR, LSB = 0 (W)
A(S)
A(S)
A(S)
DATA
SUBADDR
A(S)
P
DATA
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
Figure 19. I2C Write Data Transfer
S
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(M) = NO ACKNOWLEDGE BY MASTER
S
SLAVE ADDR, LSB = 0 (W)
SLAVE ADDR, LSB = 1 (R)
A(S)
A(S)
SUBADDR
A(S) DATA A(M)
DATA
P
A(M)
Figure 20. I2C Read Data Transfer
START BIT
S
STOP BIT
P
ACK
ACK
WR
ACK
D0
D7
A0
A7
A5
A6
SLAVE ADDR[4:0]
SLAVE ADDRESS
SUBADDRESS
DATA
SUBADDR[6:1]
DATA[6:1]
SCK
SDA
Figure 21. I2C Data Transfer Timing
tBUF
SDA
SS
P
S
SCK
tF
tLOW
tR
tF
tHD;STA
tHD;DAT
tSU;DAT
tHIGH
tSU;STA
tSU;STO
tHD;STA
tR
Figure 22. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com