Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 17 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 13Page - Analog Devices ADN2913 Datasheet HTML 14Page - Analog Devices ADN2913 Datasheet HTML 15Page - Analog Devices ADN2913 Datasheet HTML 16Page - Analog Devices ADN2913 Datasheet HTML 17Page - Analog Devices ADN2913 Datasheet HTML 18Page - Analog Devices ADN2913 Datasheet HTML 19Page - Analog Devices ADN2913 Datasheet HTML 20Page - Analog Devices ADN2913 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 17 of 37
Table 13. D/PLL Control Register, DPLLA (Address 0x10)
Bits
Bit Name
Bit Description
D7:D5
Reserved to 0.
D4:D3
EDGE_SEL[1:0]
Edge for phase detection. See the Edge Select section for more information.
00 = rising and falling edge data.
01 = rising edge data.
10 = falling edge data.
11 = rising and falling edge data.
D2:D0
TRANBW[2:0]
Transfer bandwidth. Scales the transfer bandwidth. Default value is 4, resulting in the 8GFC
default BW shown in Table 2. See the Transfer Bandwidth section for more information.
Transfer BW = Default BW × (TRANBW[2:0]/4)
Table 14. D/PLL Control Register, DPLLD (Address 0x13)
Bits
Bit Name
Bit Description
D7:D3
Reserved to 0.
D2
ADAPTIVE_SLICE_EN
Adaptive slice enable. 1 = enables automatic slice adjust.
D1:D0
DLL_SLEW[1:0]
DLL slew. Sets the BW of the DLL. See the DLL Slew section for more information.
Table 15. Phase Control Register, Phase (Address 0x14)
Bits
Bit Name
Bit Description
D7:D4
Reserved to 0.
D3:D0
SAMPLE_PHASE[3:0]
Adjust the phase of the sampling instant for data rates above 5.65 Gbps in steps of 1/32 UI. This
register is in twos complement format. See the Sample Phase Adjust section for more
information.
Table 16. Slice Level Control Register, Slice (Address 0x15)
Bits
Bit Name
Bit Description
D7
Extended slice
Extended slice enable.
0 = normal slice mode.
1 = extended slice mode.
D6:D0
Slice[6:0]
Slice is a digital word that sets the input threshold. See the Slice Adjust section for more information.
When slice[6:0] = 0000000, the slice function is disabled.
Table 17. Input Stage Programming Register, LA_EQ (Address 0x16)
Bits
Bit Name
Bit Description
D7
RX_TERM_FLOAT
Rx termination float.
0 = termination common-mode driven.
1 = termination common-mode floated (VCC = 1.2 V).
D6:D5
INPUT_SEL[1:0]
Input stage select.
00: limiting amplifier.
01: equalizer.
10: 0 dB EQ.
11: undefined.
D4
ADAPTIVE_EQ_EN
Enable adaptive EQ.
0 = manual EQ control.
1 = adaptive EQ enabled.
D3:D0
EQ_BOOST[3:0]
Equalizer gain. These bits set the EQ gain. See the Passive Equalizer section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com