Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 1 Page - Analog Devices

  ADN2913 Datasheet HTML 1Page - Analog Devices ADN2913 Datasheet HTML 2Page - Analog Devices ADN2913 Datasheet HTML 3Page - Analog Devices ADN2913 Datasheet HTML 4Page - Analog Devices ADN2913 Datasheet HTML 5Page - Analog Devices ADN2913 Datasheet HTML 6Page - Analog Devices ADN2913 Datasheet HTML 7Page - Analog Devices ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and
Data Recovery IC with Integrated Limiting Amp/EQ
Data Sheet
ADN2913
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Serial data input: 6.5 Mbps to 8.5 Gbps
No reference clock required
Exceeds SONET/SDH requirements for jitter transfer/
generation/tolerance
Quantizer sensitivity: 6.3 mV typical (limiting amplifier mode)
Optional limiting amplifier, equalizer (EQ), and 0 dB EQ inputs
Programmable jitter transfer bandwidth to support G.8251 OTN
Programmable slice level
Sample phase adjust (5.65 Gbps or greater)
Output polarity invert
Programmable LOS threshold via I2C
I2C interface to access optional features
Loss of signal (LOS) alarm (limiting amplifier mode only)
Loss of lock (LOL) indicator
PRBS generator/detector
Application aware power
352 mW at 8.5 Gbps, equalizer mode, no clock output
380 mW at 6.144 Gbps, limiting amplifier mode,
no clock output
340 mW at 622 Mbps, 0 dB EQ mode, no clock output
Power supplies: 1.2 V, flexible 1.8 V to 3.3 V, and 3.3 V
4 mm × 4 mm, 24-lead LFCSP
APPLICATIONS
SONET/SDH OC-1/OC-3/OC-12/OC-48 and all associated
FEC rates
1GE, 1GFC, 2GFC, 4GFC, 8GFC, CPRI OS/L.6 up to OS/L.60
Any rate regenerators/repeaters
GENERAL DESCRIPTION
The ADN2913 provides the receiver functions of quantization,
signal level detection, and clock and data recovery for continuous
data rates from 6.5 Mbps to 8.5 Gbps. The ADN2913 automatically
locks to all data rates without the need for an external reference
clock or programming. ADN2913 jitter performance exceeds all
jitter specifications required by SONET/SDH, including jitter
transfer, jitter generation, and jitter tolerance.
The ADN2913 provides manual or automatic slice adjust and
manual sample phase adjusts. Additionally, the user can select a
limiting amplifier, equalizer, or 0 dB EQ at the input. The equalizer
is adaptive or it can be manually set.
The receiver front-end loss of signal (LOS) detector
circuit indicates when the input signal level falls below a user-
programmable threshold. The LOS detection circuit has hysteresis
to prevent chatter at the LOS output. In addition, the input signal
strength can be read through the I2C registers.
The ADN2913 also supports pseudorandom binary sequence
(PRBS) generation, bit error detection, and input data rate
readback features.
The ADN2913 is available in a compact 4 mm × 4 mm, 24-lead
lead frame chip scale package (LFCSP). All ADN2913 specifica-
tions are defined over the ambient temperature range of −40°C
to +85°C, unless otherwise noted.
FUNCTIONAL BLOCK DIAGRAM
LOS
DETECT
I2C REGISTERS
LA
0dB EQ
VCC
FLOAT
VCM
I2C
I2C
CML
EQ
DATA
INPUT
SAMPLER
SAMPLE
PHASE
ADJUST
RXD
CLK
DDR
RXCK
FREQUENCY
ACQUISITION
AND LOCK
DETECTOR
FIFO
CML
DOWNSAMPLER
AND LOOP
FILTER
PHASE
SHIFTER
DCO
CLOCK
÷2
÷N
LOS
PIN
NIN
SCK
SDA
LOL
DATA RATE
REFCLKP/
REFCLKN
(OPTIONAL)
DATOUTP/
DATOUTN
CLKOUTP/
CLKOUTN
ADN2913
2
50Ω
50Ω
I2C_ADDR
Figure 1.


Similar Part No. - ADN2913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
765Kb / 35P
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Rev. B
ADN2913ACPZ AD-ADN2913ACPZ Datasheet
765Kb / 35P
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Rev. B
ADN2913ACPZ-RL7 AD-ADN2913ACPZ-RL7 Datasheet
765Kb / 35P
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Rev. B
ADN2913 AD-ADN2913_V01 Datasheet
765Kb / 35P
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Rev. B
More results

Similar Description - ADN2913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Jun-2004
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
9/05-Revision 0
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com