Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 33 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 29Page - Analog Devices ADN2913 Datasheet HTML 30Page - Analog Devices ADN2913 Datasheet HTML 31Page - Analog Devices ADN2913 Datasheet HTML 32Page - Analog Devices ADN2913 Datasheet HTML 33Page - Analog Devices ADN2913 Datasheet HTML 34Page - Analog Devices ADN2913 Datasheet HTML 35Page - Analog Devices ADN2913 Datasheet HTML 36Page - Analog Devices ADN2913 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 33 of 37
APPLICATIONS INFORMATION
TRANSMISSION LINES
Use of 50 Ω transmission lines is required for all high frequency
input and output signals to minimize reflections: PIN, NIN,
CLKOUTP, CLKOUTN, DATOUTP, and DATOUTN (also
REFCLKP and REFCLKN, if using a high frequency reference
clock, such as 155 MHz). The PIN and NIN input traces must be
matched in length, and the CLKOUTP, CLKOUTN, DATOUTP,
and DATOUTN output traces must match in length to avoid
skew between the differential traces.
The high speed inputs (PIN and NIN) are each internally termi-
nated with 50 Ω to an internal reference voltage (see Figure 31).
As with any high speed, mixed-signal circuit, take care to keep
all high speed digital traces away from sensitive analog nodes.
The high speed outputs (DATOUTP, DATOUTN, CLKOUTP, and
CLKOUTN) are internally terminated with 50 Ω to VCC.
SOLDERING GUIDELINES FOR LEAD FRAME CHIP
SCALE PACKAGE
The lands on the 24-lead LFCSP are rectangular. The PCB pad
for the lands is 0.1 mm longer than the package land length, and
0.05 mm wider than the package land width. Center the land on
the pad to ensure that the solder joint size is maximized. The
bottom of the lead frame chip scale package has a central exposed
pad. The pad on the PCB must be at least as large as this exposed
pad. The user must connect the exposed pad to VEE using plugged
vias to prevent solder from leaking through the vias during reflow.
This ensures a solid connection from the exposed pad to VEE.
It is highly recommended to include as many vias as possible
when connecting the exposed pad to VEE. This minimizes the
thermal resistance between the die and VEE, and minimizes the
die temperature. It is recommended that the vias be connected
to a VEE plane, or planes, rather than a signal trace, to improve
heat dissipation, as shown in Figure 38.
Placing an external VEE plane on the backside of the board
opposite the ADN2913 provides an additional benefit because
this allows easier heat dissipation into the ambient environment.
Figure 38. Connecting Vias to VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com