Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 26 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 22Page - Analog Devices ADN2913 Datasheet HTML 23Page - Analog Devices ADN2913 Datasheet HTML 24Page - Analog Devices ADN2913 Datasheet HTML 25Page - Analog Devices ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices ADN2913 Datasheet HTML 28Page - Analog Devices ADN2913 Datasheet HTML 29Page - Analog Devices ADN2913 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
ADN2913
Data Sheet
Rev. A | Page 26 of 37
The time to detect a lock to harmonic is
216 × (Td/ρ)
where:
1/Td is the new data rate. For example, if the data rate is
switched from OC-12 to OC-3, then Td = 1/155.52 MHz.
ρ is the data transition density. Most coding schemes seek to
ensure that ρ = 0.5, for example, PRBS and 8B/10B.
When the ADN2913 is placed in lock to reference mode, the
harmonic detector is disabled.
OUTPUT DISABLE AND SQUELCH
The ADN2913 has two types of output disable/squelch. The
DATOUTP/DATOUTN and CLKOUTP/CLKOUTN outputs
can be disabled by setting DATOUT_DISABLE and CLKOUT_
DISABLE (Bits[D4:D3] in Register 0x1E) high, respectively.
When an output is disabled, it is fully powered down, saving
approximately 30 mW per output. Disabling DATOUTP/
DATOUTN also disables the CLKOUTP/CLKOUTN outputs,
saving a total of about 60 mW of power.
If it is desired to set the data output while leaving the clock
on, the output data can be squelched by setting the data squelch
bit (Bit D5 in Register 0x1E) high. In this mode, the data driver
remains powered, but the data itself is forced to a value of 0 (or
1, depending on the setting of DATA_POLARITY (Bit D1 in
Register 0x1E).
I2C INTERFACE
The ADN2913 supports a 2-wire, I2C-compatible serial bus
driving multiple peripherals. Two inputs, serial data (SDA) and
serial clock (SCK), carry information between any devices con-
nected to the bus. Each slave device is recognized by a unique
address. The slave address consists of the seven MSBs of an 8-bit
word. The upper six bits (Bits[6:1]) of the 7-bit slave address are
factory programmed to 100000. The LSB of the slave address (Bit 0)
is set by Pin 22, I2C_ADDR. The LSB of the word specifies either
a read or write operation (see Figure 18). Logic 1 corresponds to a
read operation, whereas Logic 0 corresponds to a write operation.
To control the device on the bus, the use the following protocol:
1.
The master initiates a data transfer by establishing a start
condition, defined as a high to low transition on SDA while
SCK remains high. This indicates that an address/data
stream follows.
2.
All peripherals respond to the start condition and shift the
next eight bits (the 7-bit address and the R/W bit). The bits
are transferred from MSB to LSB.
3.
The peripheral that recognizes the transmitted address
responds by pulling the data line low during the ninth
clock pulse. This is known as an acknowledge bit.
4.
All other devices withdraw from the bus at this point and
maintain an idle condition. In the idle condition, the
device monitors the SDA and SCK lines waiting for the
start condition and the correct transmitted address.
The R/W bit determines the direction of the data. Logic 0 on the
LSB of the first byte means that the master writes information to
the peripheral. Logic 1 on the LSB of the first byte means that
the master reads information from the peripheral.
The ADN2913 acts as a standard slave device on the bus. The
data on the SDA pin is eight bits long, supporting the 7-bit
addresses plus the R/W bit. The ADN2913 has subaddresses to
enable the user accessible internal registers (see Table 7).
The ADN2913, therefore, interprets the first byte as the device
address and the second byte as the starting subaddress. Auto-
increment mode is supported, allowing data to be read from or
written to the starting subaddress and each subsequent address
without manually addressing the subsequent subaddress. A data
transfer is always terminated by a stop condition. The user can
also access any unique subaddress register on a one-by-one
basis without updating all registers.
Stop and start conditions can be detected at any stage of the
data transfer. If these conditions are asserted out of sequence
with normal read and write operations, they cause an immedi-
ate jump to the idle condition. During a given SCK high period,
issue one start condition, one stop condition, or a single stop
condition followed by a single start condition. If an invalid subad-
dress is issued by the user, the ADN2913 does not issue an
acknowledge and returns to the idle condition. If the user exceeds
the highest subaddress while reading back in auto-increment
mode, the highest subaddress register contents continue to be
output until the master device issues a no acknowledge. This
indicates the end of a read. In a no acknowledge condition, the
SDA line is not pulled low on the ninth pulse. See Figure 20 and
Figure 19 for sample read and write data transfers, respectively,
and Figure 21 for a more detailed timing diagram.
REFERENCE CLOCK (OPTIONAL)
A reference clock is not required to perform clock and data
recovery with the ADN2913. However, support for an optional
reference clock is provided. The reference clock can be driven
differentially or single-ended. If the reference clock is not used,
float both the REFCLKP and REFCLKN pins.
Two 50 Ω series resistors present a differential load between
REFCLKP and REFCLKN. Common mode is internally set to
0.56 × VCC by a resistor divider between VCC and VEE. See
Figure 28, Figure 29, and Figure 30 for sample configurations.
The reference clock input buffer accepts any differential signal
with a peak-to-peak differential amplitude of greater than
100 mV. The phase noise and duty cycle of the reference clock
are not critical, and 100 ppm accuracy is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com