Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 27 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 23Page - Analog Devices ADN2913 Datasheet HTML 24Page - Analog Devices ADN2913 Datasheet HTML 25Page - Analog Devices ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices ADN2913 Datasheet HTML 28Page - Analog Devices ADN2913 Datasheet HTML 29Page - Analog Devices ADN2913 Datasheet HTML 30Page - Analog Devices ADN2913 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 27 of 37
50Ω
50Ω
VCC/2
REFCLKP
REFCLKN
ADN2913
BUFFER
24
23
REFCLK
Figure 28. DC-Coupled, Differential REFCLKx Configuration
50Ω
50Ω
VCC/2
VCC
REFCLKP
OUT
REFCLKN
ADN2913
BUFFER
24
23
CLK
OSC
Figure 29. AC-Coupled, Single-Ended REFCLKx Configuration
50Ω
50Ω
VCC/2
REFCLKP
REFCLKN
ADN2913
BUFFER
24
23
REFCLK
Figure 30. AC-Coupled, Differential REFCLKx Configuration
The reference clock can be used either as an acquisition aid for
the ADN2913 to lock onto data, or to measure the frequency
of the incoming data to within 0.01%. The modes are mutually
exclusive because, in the first use, the user can force the device
to lock onto only a known data rate; in the second use, the user
can measure an unknown data rate.
Lock to reference mode is enabled by writing a 3 to CDR_
MODE[2:0] (Bits[D6:D4] in Register 0x8). An on-chip clock
buffer must be powered on by writing a 0 to REFCLK_PDWN
(Bit D2 in Register 0xA). Fine data rate readback mode is enabled
by writing a 1 to RATE_MEAS_EN (Bit D1 in Register 0x8).
Enabling lock to reference and data rate readback at the same
time causes an indeterminate state and is not supported.
Using the Reference Clock to Lock Onto Data
In LTR mode, the ADN2913 locks onto a frequency derived
from the reference clock according to the following equation:
Data Rate/2(LTR_MODE[3:0] − 1) = REFCLK/2LTR_MODE[5:4]
The user must know exactly what the data rate is and provide a
reference clock that is a function of this rate. The ADN2913 can
still be used as a continuous rate device in this configuration if
the user can provide a reference clock that has a variable
frequency (see the AN-632 Application Note).
The reference clock can have a frequency from 11.05 MHz to
176.8 MHz. By default, the ADN2913 expects a reference clock
of between 11.05 MHz and 22.1 MHz. If the reference clock is
between 22.1 MHz and 44.2 MHz, 44.2 MHz and 88.4 MHz, or
between 88.4 MHz and 176.8 MHz, the user must configure the
ADN2913 to use the correct reference frequency range by setting
the two bits of FREF_RANGE[1:0] (Bits[5:4] in Register 0xF).
Table 24. LTR_MODE Register Settings
FREF_RANGE[1:0] Bits Range (MHz)
DATA_TO_REF_
RATIO[3:0] Bits
Ratio
00
11.05 to 22.1
0000
2−1
01
22.1 to 44.2
0001
20
10
44.2 to 88.4
N
2n − 1
11
88.4 to 176.8
1010
29
The user can specify a fixed integer multiple of the reference clock
to lock onto using DATA_TO_REF_RATIO[3:0] (Bits[D3:D0]
in Register 0xF), as follows:
DATA_TO_REF_RATIO[3:0] = data rate ÷ DIV_fREF
where DIV_fREF represents the divided down reference referred
to the 11.05 MHz to 22.1 MHz band.
For example, if the reference clock frequency is 38.88 MHz and
the input data rate is 622.08 Mbps, then FREF_RANGE[1:0] is
set to 01 to give a divided down reference clock of 19.44 MHz.
DATA_TO_REF_RATIO[3:0] is set to 0110, that is, 6, because
622.08 Mbps/19.44 MHz = 2(6 − 1)
If the ADN2913 is operating in lock to reference mode and the
user changes the reference frequency, that is, the fREF range or the
fREF ratio (Bits[D5:D4] or Bits[D3:D0], respectively, in Register
0xF), this change must be followed by writing a low to high to
low transition to the INIT_FREQ_ACQ bit (Bit D6 in Register 0x9)
to initiate a new lock to reference command.
By default in lock to reference clock mode, when lock has been
achieved and the ADN2913 is in tracking mode, the frequency
of the DCO is compared to the frequency of the reference clock.
If this frequency error exceeds 1000 ppm, lock is lost, LOL is
asserted, and the device relocks to the reference clock while
continuing to output a stable clock.
An alternative configuration is enabled by setting LOL data
(Bit D6 in Register 0xF) = 1. In this configuration, when the device
is in tracking mode, the frequency of the DCO is compared to
the frequency of the input data rather than the frequency of the
reference clock. If the frequency error exceeds 1000 ppm, lock is
lost, LOL is asserted, and the device relocks to the reference
clock while continuing to output a stable clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com