Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 7Page - Analog Devices ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices ADN2913 Datasheet HTML 10Page - Analog Devices ADN2913 Datasheet HTML 11Page - Analog Devices ADN2913 Datasheet HTML 12Page - Analog Devices ADN2913 Datasheet HTML 13Page - Analog Devices ADN2913 Datasheet HTML 14Page - Analog Devices ADN2913 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 11 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 1.2 V, VCC1 = 1.8 V, VDD = 3.3 V, VEE = 0 V, input data pattern: PRBS 215 − 1, ac-coupled inputs and outputs,
unless otherwise noted.
19.6ps/DIV
Figure 6. Output Eye Diagram at 8GFC
1k
0.1
1
10
100
100
1k
10k
100k
1M
10M
100M
JITTER FREQUENCY (Hz)
ADN2913
SONET MASK
Figure 7. Jitter Tolerance: 8GFC
1k
0.1
1
10
100
10
100
1k
10k
100k
1M
10M
100M
JITTER FREQUENCY (Hz)
EQUIPMENT LIMIT
ADN2913
SONET MASK
Figure 8. Jitter Tolerance: OC-48
66.9ps/DIV
Figure 9. Output Eye Diagram at OC-48
5
–40
–25
–5
–35
–15
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–20
–30
–10
ADN2913
SONET MASK
Figure 10. Jitter Transfer: 8GFC (TRANBW[2:0] = 4)
5
–25
–15
–5
–20
–10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADN2913
SONET MASK
Figure 11. Jitter Transfer: OC-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com