Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 25 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 21Page - Analog Devices ADN2913 Datasheet HTML 22Page - Analog Devices ADN2913 Datasheet HTML 23Page - Analog Devices ADN2913 Datasheet HTML 24Page - Analog Devices ADN2913 Datasheet HTML 25Page - Analog Devices ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices ADN2913 Datasheet HTML 28Page - Analog Devices ADN2913 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
ADN2913
Rev. A | Page 25 of 37
In this case, ensure that the current is a minimum of 6 mA, which
gives a single-ended swing of 300 mV or a differential swing of
600 mV p-p differential, with VCM = 1.05 V (see Figure 33). The
maximum current is 10 mA, which gives a single-ended 500 mV
swing and differential 1.0 V p-p, with VCM = 0.95 V (see Figure 34).
Another possibility is to back terminate the switched current
driver, as shown in Figure 37, with the two VCC supplies having
the same potential. In this example, the current is returned to
VCC by the two 50 Ω resistors in parallel, or 25 Ω, so that the
minimum current is 12 mA and the maximum current is 20 mA.
LOCK DETECTOR OPERATION
The lock detector on the ADN2913 has three modes of opera-
tion: normal mode, LOL detector operation using a reference
clock (LTR mode), and static LOL mode.
Normal Mode
In normal mode, the ADN2913 is a continuous rate CDR that
locks onto any data rate from 6.5 Mbps to 8.5 Gbps without the
use of a reference clock as an acquisition aid. In this mode, the
lock detector monitors the frequency difference between the
DCO and the input data frequency, and deasserts the loss of
lock signal, which appears on LOL, Pin 6, when the DCO is
within 250 ppm of the data frequency. This enables the digital
PLL (D/PLL), which pulls the DCO frequency in the remaining
amount and acquires phase lock. If the input frequency error
exceeds 1000 ppm (0.1%), the loss of lock signal is reasserted
and control returns to the frequency loop, which begins a new
frequency acquisition. The LOL pin remains asserted until the
DCO locks onto a valid input data stream to within 250 ppm
frequency error. This hysteresis is shown in Figure 27.
LOL
0
–250
250
1000
fDCO ERROR
(ppm)
–1000
1
Figure 27. Transfer Function of LOL
LOL Detector Operation Using a Reference Clock (LTR
Mode)
In lock to reference (LTR) mode, a reference clock is used as an
acquisition aid to lock the ADN2913 DCO. LTR mode is
enabled by setting CDR_MODE[2:0] to 3 (Bits[D6:D4] in
Register 0x8). The user must also write to FREF_RANGE[1:0]
and DATA_TO_REF_RATIO[3:0] (Bits[D5:D0] in Register 0xF)
to set the reference frequency range and the divide ratio of the
data rate with respect to the reference frequency. Finally, the
reference clock power-down to the reference clock buffer must
be deasserted by writing a 0 to REFCLK_PDN (Bit D2 in
Register 0xA). To maintain fastest acquisition, keep Bit D0 in
Register 0xA set to 1.
For more information, see the Reference Clock (Optional) section.
In LTR mode, the lock detector monitors the difference in fre-
quency between the divided down DCO and the divided down
reference clock. The loss of lock signal, which appears on LOL
(Pin 6), is deasserted when the DCO is within 250 ppm of the
desired frequency. This enables the D/PLL, which pulls in the
DCO frequency by the remaining amount with respect to the
input data and acquires phase lock. If the frequency error exceeds
1000 ppm (0.1%), the loss of lock signal is reasserted and control
returns to the frequency loop, which reacquires lock with respect to
the reference clock. The LOL pin remains asserted until the DCO
frequency is within 250 ppm of the desired frequency. This
hysteresis is shown in Figure 27.
Static LOL Mode
The ADN2913 implements a static LOL feature that indicates
whether a loss of lock condition has occurred and remains asserted,
even if the ADN2913 regains lock, until the static LOL bit (Bit D2
in Register 0x6) is manually reset. If a loss of lock condition occurs,
this bit is internally asserted to logic high. The static LOL bit
remains high even after the ADN2913 reacquires lock to a new
data rate. This bit can be reset by writing 1, followed by 0, to the
reset static LOL bit (Bit D2 in Register 0x8). When reset, the static
LOL bit remains deasserted until another loss of lock condition
occurs.
Writing a 1 to LOL_CONFIG (Bit D4 in Register 0x9) causes
the LOL pin, Pin 6, to become a static LOL indicator. In this
mode, the LOL pin mirrors the contents of the static LOL bit
(Bit D2 in Register 0x6) and has the functionality described
previously. The LOL_CONFIG bit (Bit D4 in Register 0x9)
defaults to 0. In this mode, the LOL pin operates in the normal
operating mode; that is, it is asserted only when the ADN2913
is in acquisition mode and is deasserted when the ADN2913
has reacquired lock.
HARMONIC DETECTOR
The ADN2913 provides a harmonic detector that detects whether
the input data has changed to a lower harmonic of the data rate
than the one that the sampling clock is currently locked onto. For
example, if the input data instantaneously changes from OC-12,
622.08 Mbps, to an OC-3, 155.52 Mbps bit stream, this change
can be perceived as a valid OC-12 bit stream because the OC-3
data pattern is exactly 4× slower than the OC-12 pattern.
Therefore, if the change in data rate is instantaneous, a 101
pattern at OC-3 is perceived by the ADN2913 as a 111100001111
pattern at OC-12. If the change to a lower harmonic is
instantaneous, a typical inferior CDR may remain locked at the
higher data rate.
The ADN2913 implements a harmonic detector that automati-
cally identifies whether the input data has switched to a lower
harmonic of the data rate than the DCO is currently locked onto.
When a new harmonic is identified, the LOL pin is asserted,
and a new frequency acquisition is initiated. The ADN2913
automatically locks onto the new data rate, and the LOL pin is
deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com