Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 28 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 24Page - Analog Devices ADN2913 Datasheet HTML 25Page - Analog Devices ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices ADN2913 Datasheet HTML 28Page - Analog Devices ADN2913 Datasheet HTML 29Page - Analog Devices ADN2913 Datasheet HTML 30Page - Analog Devices ADN2913 Datasheet HTML 31Page - Analog Devices ADN2913 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ADN2913
Data Sheet
Rev. A | Page 28 of 37
Using the Reference Clock to Measure Data Frequency
The user can also provide a reference clock to measure the
recovered data frequency. In this case, the ADN2913 compares
the frequency of the incoming data to the incoming reference
clock and returns a ratio of the two frequencies to 0.01%
(100 ppm). The accuracy error of the reference clock is added to
the accuracy error of the ADN2913 data rate measurement. For
example, if a 100 ppm accuracy reference clock is used, the total
accuracy of the measurement is 200 ppm.
The reference clock can range from 11.05 MHz to 176.8 MHz.
Prior to reading back the data rate using the reference clock, the
FREF_RANGE[1:0] bits (Bits[D5:D4] in Register 0xF) must be
set to the appropriate frequency range with respect to the reference
clock being used, according to Table 24. A fine data rate readback is
then executed as follows:
1.
Apply the reference clock.
2.
Write a 0 to REFCLK_PDN (Bit D2 in Register 0xA) to
enable the reference clock circuit.
3.
Write to FREF_RANGE[1:0] (Bits[D5:D4] in Register 0xF)
to select the appropriate reference clock frequency circuit.
4.
Write a 1 to RATE_MEAS_EN (Bit D1 in Register 0x8). This
enables the fine data rate measurement capability of the
ADN2913. This bit is level sensitive and does not need to be
reset to perform subsequent frequency measurements.
5.
Write a low to high to low transition to RATE_MEAS_
RESET (Bit D0 in Register 0x8). This initiates a new data
rate measurement.
6.
Read back RATE_MEAS_COMP (Bit D0 in Register 0x6). If
the bit is 0, the measurement is not complete. If it is 1, the
measurement is complete and the data rate can be read
back on RATE_FREQ[23:0], FULLRATE, and
DIVRATE[3:0] (see Table 7). The approximate time for a
data rate measurement is given in Equation 2.
Use the following equation to determine the data rate:
]
:
DIVRATE[
FULLRATE
]
:
LTR[
REFLCLK
DATARATE
f
]
:
FREQ[
RATE
f
0
3
7
4
5
2
2
2
2
)
0
23
_
(
(1)
where:
fDATARATE
is the data rate (Mbps).
RATE_FREQ[23:0]
is from FREQ2[7:0] (most significant byte),
FREQ1[7:0], and FREQ0[7:0] (least significant byte). See Table 7.
fREFCLK
is the reference clock frequency (MHz).
FULLRATE
= FREQ_RB2[6].
DIVRATE[3:0]
= FREQ_RB2[5:2].
MSB
LSB
D23 to D16
D15 to D8
D7 to D0
FREQ2[7:0]
FREQ1[7:0]
FREQ0[7:0]
Consider the example of a 1.25 Gbps (GbE) input signal and a
reference clock source of 32 MHz at the PIN/NIN and REFCLKP/
REFCLKN ports, respectively. In this case, FREF_RANGE[1:0]
(Bits[D5:D4] in Register 0xF) = 01 and the reference frequency
falls into the range of 22.1 MHz to 44.2 MHz.
After following Step 1 through Step 6, the readback value of
RATE_FREQ[23:0] is 0x13880, which is equal to 8 × 104. The
readback value of FULLRATE (Bit D6 in Register 0x5) is 1, and
the readback value of DIVRATE[3:0] (Bits[D5:D2] in Register
0x5) is 2. Inserting these values into Equation 1 yields
((8 × 104) × (32 × 106))/(21 × 27 × 21 × 22) = 1.25 Gbps
If subsequent frequency measurements are required, keep
RATE_MEAS_EN (Bit D1 in Register 0x8) set to 1. It does not
need to be reset. The measurement process is reset by writing a
1 followed by a 0 to RATE_MEAS_RESET (Bit D0 in Register 0x8).
This initiates a new data rate measurement. Follow Step 2
through Step 6 to read back the new data rate. Note that a data
rate readback is valid only if the LOL pin is low. If LOL is high,
the data rate readback is invalid.
Initiating a frequency measurement by writing a low to high to
low transition into RATE_MEAS_RESET (Bit D0 in Register 0x8)
also resets the RATE_MEAS_COMP bit (Bit D0 in Register 0x6).
The approximate time to complete a frequency measurement from
RATE_MEAS_RESET being written with a low to high to low
transition to when the RATE_MEAS_COMP bit returns high is
given by
REFCLK
LTR
f
Time
t
Measuremen
]
4
:
5
[
11
2
2 
(2)
LOS Configuration
The LOS detector output, LOS (Pin 5), can be configured to
be either active high or active low. If LOS polarity (Bit 2 in
Register 0x9) is set to Logic 0 (default), the LOS pin is active
high when a loss of signal condition is detected.
ADDITIONAL FEATURES AVAILABLE VIA THE I2C
INTERFACE
Coarse Data Rate Readback
The data rate can be read back over the I2C interface to approx-
imately ±5% without using an external reference clock according to
the following formula:
]
:
DIVRATE[
FULLRATE
DCO
f
Data
0
3
2
2
(3)
where
FULLRATE
= FREQ_RB2[6].
DIVRATE[3:0]
= FREQ_RB2[5:2].
fDCO
is the frequency of the DCO, derived as shown in Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com