Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 41 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7779 Datasheet HTML 37Page - Analog Devices AD7779 Datasheet HTML 38Page - Analog Devices AD7779 Datasheet HTML 39Page - Analog Devices AD7779 Datasheet HTML 40Page - Analog Devices AD7779 Datasheet HTML 41Page - Analog Devices AD7779 Datasheet HTML 42Page - Analog Devices AD7779 Datasheet HTML 43Page - Analog Devices AD7779 Datasheet HTML 44Page - Analog Devices AD7779 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 41 of 97
GPIO Pins
If the AD7779 operates in SPI control mode, the mode pins
operate as GPIO pins, as shown in Figure 99. The GPIO pins
can be configured as inputs or outputs in any order.
REGISTER
MAP
GPIO0
GPIO1
GPIO2
Figure 99. GPIO Pin Functionality
Configuration control and readback of the GPIO pins are dealt
with by Bits[2:0] in the GPIO_CONFIG register (0 = input, 1 =
output) and the GPIO_DATA register. Among other uses, the
GPIOs can control an external mux connected to the auxiliary
inputs of the SAR ADC. Use this mux to verify the results on
the -Δ ADCs.
In addition, the GPIO pins can be used to externally trigger a
new decimation rate. Refer to the Sample Rate Converter (SRC)
section for more information about this functionality.
-∆ Reference Configuration
The AD7779 can operate with internal or external references. In
addition, for diagnostic purposes, the analog supply can be used
as a reference, as shown in Table 22.
Table 22. -Δ References
Setting for
ADC_MUX_CONFIG,
Bits[7:6]
Channel 0 to
Channel 3
Channel 4 to
Channel 7
00
REF1+/REF1−
REF2+/REF2−
01
Internal reference
Internal reference
10
AVDD1A/AVSS1A
AVDD1B/AVSS1B
11
REF1−/REF1+
REF2−/REF2+
Reference buffer operation is described in Table 23. The
selected reference and buffer operation mode affect all
channels.
If the -Δ reference is updated, it is recommended to apply a
pulse on the SYNC_IN pin to remove invalid samples during
the transition of the reference.
Table 23. Reference Buffer Operation Modes
Reference Buffer
Operation Mode
REFx+
REFx−
Enabled
BUFFER_CONFIG_1, Bit 4 = 1; BUFFER_CONFIG_2, Bit 7 = 0
BUFFER_CONFIG_1, Bit 3 = 1; BUFFER_CONFIG_2, Bit 6 = 0
Precharged
BUFFER_CONFIG_1, Bit 4 = 1; BUFFER_CONFIG_2, Bit 7 = 1
BUFFER_CONFIG_1, Bit 3 = 1; BUFFER_CONFIG_2, Bit 6 = 1
Disabled
BUFFER_CONFIG_1, Bit 4 = 0
BUFFER_CONFIG_1, Bit 3 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com