Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7779 Datasheet HTML 6Page - Analog Devices AD7779 Datasheet HTML 7Page - Analog Devices AD7779 Datasheet HTML 8Page - Analog Devices AD7779 Datasheet HTML 9Page - Analog Devices AD7779 Datasheet HTML 10Page - Analog Devices AD7779 Datasheet HTML 11Page - Analog Devices AD7779 Datasheet HTML 12Page - Analog Devices AD7779 Datasheet HTML 13Page - Analog Devices AD7779 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 10 of 97
SPI TIMING CHARACTERISTISTICS
AVDD1x/AVSSx = ±1.65 V, 3.3 V/AGND, AVDD2 − AVSSx = 2.2 V to 3.6 V; IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− =
2.5 V (internal/external), MCLK = 8192 kHz; all specifications at TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Description1
Test Conditions/Comments
Min
Typ
Max
Unit
t12
SCLK Period
50:50
30
MHz
t13
SCLK Low Time
7
ns
t14
SCLK High Time
7
ns
t15
SCLK Rising Edge to CS Falling Edge
10
ns
t16
CS Falling Edge to SCLK Rising Edge
10
ns
t17
SCLK Rising Edge to CS Rising Edge
10
ns
t18
CS Rising Edge to SCLK Rising Edge
10
ns
t19
Minimum CS High Time
10
ns
t20
SDI Setup Time
5
ns
t21
SDI Hold Time
5
ns
t22A
CS Falling Edge to SDO Enable (SPI = Mode 0)
30
ns
t22B
SCLK Falling Edge to SDO Enable (SPI = Mode 1)
49
ns
t23
SDO Setup Time
10
ns
t24
SDO Hold Time
10
ns
t25
CS Rising Edge to SDO Disable
30
ns
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH)/2.
CS
SCLK
MSB
MSB – 1
LSB + 1
LSB
SDI
MSB
MSB – 1
LSB + 1
LSB
SDO
t15
t16
t13
t14
t20
t22A
t21
t24
t23
t22B
t12
t19
t17
t18
t25
Figure 3. SPI Control Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com