Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 95 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD7779 Datasheet HTML 89Page - Analog Devices AD7779 Datasheet HTML 90Page - Analog Devices AD7779 Datasheet HTML 91Page - Analog Devices AD7779 Datasheet HTML 92Page - Analog Devices AD7779 Datasheet HTML 93Page - Analog Devices AD7779 Datasheet HTML 94Page - Analog Devices AD7779 Datasheet HTML 95Page - Analog Devices AD7779 Datasheet HTML 96Page - Analog Devices AD7779 Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 95 of 97
ERROR STATUS REGISTER 3
Address: 0x05F, Reset: 0x00, Name: STATUS_REG_3
An error specific to CH0_1_SAT_ERR
reg is active
Set high if any error bit is high
An error specific to CH2_3_SAT_ERR
reg is active
Fus e initialization is com plete. Device
is ready to receive com m ands
An error specific to CH4_5_SAT_ERR
reg is active
An error s pecific to CH6_7_SAT_ERR
reg is active
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] ERR_LOC_SAT_CH0_1 (R)
[5] CHIP_ERROR (R)
[1] ERR_LOC_SAT_CH2_3 (R)
[4] INIT_COMPLETE (R)
[2] ERR_LOC_SAT_CH4_5 (R)
[3] ERR_LOC_SAT_CH6_7 (R)
Table 138. Bit Descriptions for STATUS_REG_3
Bits
Bit Name
Settings
Description
Reset
Access
5
CHIP_ERROR
Set high if any error bit is high.
0x0
R
4
INIT_COMPLETE
Fuse initialization is complete. Device is ready to receive commands.
0x0
R
3
ERR_LOC_SAT_CH6_7
An error specific to CH6_7_SAT_ERR register is active.
0x0
R
2
ERR_LOC_SAT_CH4_5
An error specific to CH4_5_SAT_ERR register is active.
0x0
R
1
ERR_LOC_SAT_CH2_3
An error specific to CH2_3_SAT_ERR register is active.
0x0
R
0
ERR_LOC_SAT_CH0_1
An error specific to CH0_1_SAT_ERR register is active.
0x0
R
DECIMATION RATE (N) MSB REGISTER
Address: 0x060, Reset: 0x00, Name: SRC_N_MSB
SRC N Com bined
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] SRC_N_ALL[11:8] (R/W)
Table 139. Bit Descriptions for SRC_N_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
SRC_N_ALL[11:8]
SRC N Combined
0x0
R/W
DECIMATION RATE (N) LSB REGISTER
Address: 0x061, Reset: 0x80, Name: SRC_N_LSB
SRC N Com bined
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
1
[7:0] SRC_N_ALL[7:0] (R/W)
Table 140. Bit Descriptions for SRC_N_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SRC_N_ALL[7:0]
SRC N Combined
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com