Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7779 Datasheet HTML 20Page - Analog Devices AD7779 Datasheet HTML 21Page - Analog Devices AD7779 Datasheet HTML 22Page - Analog Devices AD7779 Datasheet HTML 23Page - Analog Devices AD7779 Datasheet HTML 24Page - Analog Devices AD7779 Datasheet HTML 25Page - Analog Devices AD7779 Datasheet HTML 26Page - Analog Devices AD7779 Datasheet HTML 27Page - Analog Devices AD7779 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 24 of 97
–40
25
105
125
TEMPERATURE (°C)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
AVDD1x = 3.3V
–0.400
–0.035
–0.029
–0.023
–0.017
–0.011
–0.005
0
0.005
0.011
0.017
Figure 50. Gain Error vs Temperature, High Resolution Mode, AVDD1x = 3.3 V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
12
48
PGA GAIN
TEMPERATURE = 25°C
HIGH RESOLUTION
LOW POWER
AVDD1x = 3.3V
Figure 51. Channel Gain Mismatch, High Resolution Mode, AVDD1x = 3.3 V
–0.004
–0.002
0
0.002
0.004
0.006
0.008
TEMPERATURE (°C)
VREF =2.5V
VIN =–0.5dBFS
GAIN = 1
AVDD1x = 3.3V
Figure 52. Total Unadjusted Error (TUE) (as % of Input) vs. Temperature,
High Resolution Mode, AVDD1x = 3.3 V
–0.400
–0.035
–0.029
–0.023
–0.017
–0.011
–0.005
0
0.005
0.011
0.017
–40
25
105
125
TEMPERATURE (°C)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
AVDD1x = 3.3V
Figure 53. Gain Error vs. Temperature, Low Power Mode, AVDD1x = 3.3 V
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
UNIT 1
UNIT 2
UNIT 3
UNIT 4
UNIT 5
UNIT 6
UNIT 7
Figure 54. Internal Reference Voltage Drift
TEMPERATURE (°C)
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
VREF =2.5V
VIN =–0.5dBFS
GAIN = 1
AVDD1x = 3.3V
Figure 55. TUE (as % of Input) vs. Temperature, Low Power Mode,
AVDD1x = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com