Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7779 Datasheet HTML 8Page - Analog Devices AD7779 Datasheet HTML 9Page - Analog Devices AD7779 Datasheet HTML 10Page - Analog Devices AD7779 Datasheet HTML 11Page - Analog Devices AD7779 Datasheet HTML 12Page - Analog Devices AD7779 Datasheet HTML 13Page - Analog Devices AD7779 Datasheet HTML 14Page - Analog Devices AD7779 Datasheet HTML 15Page - Analog Devices AD7779 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 12 of 97
SAR ADC TIMING CHARACTERISTISTICS
AVDD1x/AVSSx = ±1.65 V, 3.3 V/AGND, AVDD2 − AVSSx = 2.2 V to 3.6 V; IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− =
2.5 V (internal/external), MCLK = 8192 kHz; all specifications at TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Description1
Min
Typ
Max
Unit
t32
Conversion Time
1
3.4
μs
t33
Acquisition Time2
500
ns
t34
Delay Time
50
ns
t35
Throughput Data
256
kSPS
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH)/2.
2 Direct mode enabled. If deglitch mode is enabled, add 1.5/MCLK.
CS
CONVST_SAR
t33
t32
t35
t34
Figure 5. SAR ADC Timing Diagram
GPIO SRC UPDATE TIMING CHARACTERISTISTICS
AVDD1x/AVSSx = ±1.65 V, 3.3 V/AGND, AVDD2 − AVSSx = 2.2 V to 3.6 V; IOVDD = 1.8 V to 3.6 V; DGND = 0V, REFx+/REFx− =
2.5 V (internal/external), MCLK = 8192 kHz; all specifications TMIN to TMAX, unless otherwise noted.
Table 6.
Parameter
Description1
Min
Typ
Max
Unit
t36
GPIO2 Setup Time
10
ns
GPIO2 Hold Time
t37
High Resolution Mode
MCLK
ns
t37
Low Power Mode
2 × MCLK
t38
MCLK Rising Edge to GPIO1 Rising Edge Time
20
ns
t39
GPIO0 Setup Time
5
ns
t40
GPIO0 Hold Time
MCLK
ns
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH)/2.
MCLK
GPIO2
GPIO1
GPIO0
t36
t37
t38
t39
t40
Figure 6. GPIOs for SRC Update Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com