Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 49 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7779 Datasheet HTML 45Page - Analog Devices AD7779 Datasheet HTML 46Page - Analog Devices AD7779 Datasheet HTML 47Page - Analog Devices AD7779 Datasheet HTML 48Page - Analog Devices AD7779 Datasheet HTML 49Page - Analog Devices AD7779 Datasheet HTML 50Page - Analog Devices AD7779 Datasheet HTML 51Page - Analog Devices AD7779 Datasheet HTML 52Page - Analog Devices AD7779 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 49 of 97
-Δ OUTPUT DATA
ADC CONVERSION OUTPUT—HEADER AND DATA
The AD7779 -Δ conversion results are output on the DOUT0
to DOUT3 pins or over the SPI, depending on the selected
interface. If the DOUTx interface is selected, the AD7770 acts
as the master in the transmission. If the SPI interface is selected,
the controller is the master.
The DRDY signal indicates the end of conversion independently of
the interface selected to read back the -Δ conversion. When
the SPI is used to read back the -Δ conversion, if a new conversion
is completed (DRDY falling edge) before the previous conversion is
read back, the results from previous conversion are overwritten
and, consequently, the previous conversion data is corrupted.
For each channel, the width is 32 bits long: 8 bits for the header
and 24 bits for the -Δ conversion, as shown in Figure 106.
ADC DATA N
N – 1
24-BITS
8-BITS
DOUTx
DRDY
HEADER N
Figure 106. ADC Output—8-Bit Header + 24-Bit Conversion Data
In pin control mode, the header is fixed to the CRC while in SPI
mode, and can be selected between CRC or error headers.
CRC Header
The CRC header is the header generated in pin control mode or
in SPI mode if DOUT_HEADER_FORMAT is set.
As shown in Figure 107, the header consists of a chip error bit,
three bits for the ADC channel, as shown in Table 32, and
four bits for the CRC.
The chip error bit is set high if an error is detected in any channel,
as explained in the General Errors section. The chip error bit
remains 1 until the error disappears.
CHIP
ERROR
CHANNEL
NUMBER
CHANNEL
NUMBER
CHANNEL
NUMBER
CRC
CRC
CRC
CRC
Figure 107. CRC Header
Table 32. Channel ID
Channel
Channel ID 2
Channel ID 1
Channel ID 0
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
5
1
0
1
6
1
1
0
7
1
1
1
The CRC generated is eight bits long; the CRC 4 MSBs are placed
on the header for the first channel in the pairing and the 4 LSBs
on the header of the second channel in the pairing, as shown in
Table 33. If a channel is disabled, the 24-bit output data for this
channel is 0x000000.
Table 33. 8-Bit CRC, Header Configuration (Channel 2)
Channel 2 Header
CE
0
1
0
CRC7
CRC6
CRC5
CRC4
Table 34. 8-Bit CRC, Header Configuration (Channel 3)
Channel 3 Header
CE
0
1
1
CRC3
CRC2
CRC1
CRC0
ERROR Header (SPI Control Mode)
In SPI control mode, the default header can be replaced by an
error header. If the -Δ conversion is read back through the SPI
interface, disable the CRC by clearing the SPI_CRC_TEST_EN bit.
If the DOUTx interface is used, clear the DOUT_HEADER_
FORMAT bit.
The error header provides information of common error sources
specific for each channel, as shown in Table 35. Modulator and
filter errors are indicated even if the checker for this error has been
specifically disabled, as described in the -Δ ADC Errors section.
Table 35. Status Header Output
Bits
Name
Description
7
Alert
This bit is set high if any of the enabled diagnostic functions have detected an error, including an
external clock not detected, a memory map bit flip, or an internal CRC error. This bit is not channel specific.
The bit clears if the error is no longer present.
6:4
CH_ID_[2:0]
These bits indicate which ADC channel the following conversion data came from (see Table 32).
3
RESET_DETECTED
This bit indicates if a reset condition occurs. This bit is not channel specific.
2
MODULATOR_SATURATE
This bit indicates that the modulator output 20 consecutive 0s or 1s. The bit resets automatically after
the error is no longer present.
1
FILTER_SATURATE
This bit indicates that the filter output is out of bounds. The bit resets automatically after the error is
no longer present.
0
AIN_OV_UVERROR
This bit indicates that there is an AINx± overvoltage/undervoltage condition on the inputs. This bit is
set until the appropriate register is read back and the error is no longer present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com