Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7779 Datasheet HTML 16Page - Analog Devices AD7779 Datasheet HTML 17Page - Analog Devices AD7779 Datasheet HTML 18Page - Analog Devices AD7779 Datasheet HTML 19Page - Analog Devices AD7779 Datasheet HTML 20Page - Analog Devices AD7779 Datasheet HTML 21Page - Analog Devices AD7779 Datasheet HTML 22Page - Analog Devices AD7779 Datasheet HTML 23Page - Analog Devices AD7779 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 20 of 97
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
VREF =2.5V
TEMPERATURE = 25°C
DIFFERENTIAL INPUT = –0.5dBFS
VCM = (AVDD1x + AVSSx) ÷ 2
INPUT FREQUENCY = 50Hz
16384 SAMPLES
16kSPS
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 26. FFT Plot at 16 kSPS, High Resolution Mode, Input Frequency (fIN) =
50 Hz, AVSSx (This Plot is a Close Up Perspective of the Original Data)
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
VREF =2.5V
TEMPERATURE = 25°C
DIFFERENTIAL INPUT = –0.5dBFS
VCM = (AVDD1x + AVSSx) ÷ 2
INPUT FREQUENCY = 1kHz
16384 SAMPLES
16kSPS
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 27. FFT Plot, High Resolution Mode, Input Frequency (fIN) = 1 kHz,
AVSSx
–135
–130
–125
–120
–115
–110
–105
–100
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VIN = –0.5dBFS
VREF =2.5V
TEMPERATURE = 25°C
Figure 28. THD vs. Input Frequency at 8 kSPS, High Resolution Mode
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
VREF =2.5V
TEMPERATURE = 25°C
DIFFERENTIAL INPUT = –0.5dBFS
VCM = (AVDD1x + AVSSx) ÷ 2
INPUT FREQUENCY = 50Hz
8192 SAMPLES
4kSPS
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 29. FFT Plot, Low Power Mode, Input Frequency (fIN) = 50 Hz,
8192 Samples, AVSSx (This Plot is a Close Up Perspective of the Original Data)
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
VREF =2.5V
TEMPERATURE = 25°C
DIFFERENTIAL INPUT =
–0.5dBFS
INPUT FREQUENCY = 1kHz
8192 SAMPLES
4kSPS
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VCM = (AVDD1x + AVSSx) ÷ 2
Figure 30. FFT Plot, Low Power Mode, Input Frequency (fIN) = 1 kHz,
8192 Samples, AVSSx
–135
–130
–125
–120
–115
–110
–105
–100
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF =2.5V
VIN = –0.5dBFS
TEMPERATURE = 25°C
Figure 31. THD vs. Input Frequency at 2 kSPS, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com