Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 48 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD7779 Datasheet HTML 44Page - Analog Devices AD7779 Datasheet HTML 45Page - Analog Devices AD7779 Datasheet HTML 46Page - Analog Devices AD7779 Datasheet HTML 47Page - Analog Devices AD7779 Datasheet HTML 48Page - Analog Devices AD7779 Datasheet HTML 49Page - Analog Devices AD7779 Datasheet HTML 50Page - Analog Devices AD7779 Datasheet HTML 51Page - Analog Devices AD7779 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 48 of 97
SAR DRIVER
CONTROL LOGIC
FIFO
ON-CHIP
DIAGNOSTICS
SPI
AUXAIN+
AUXAIN–
AVDD4
AVSS4
CONVST_SAR
MUX
DEGLITCH
SAR ADC
REF
Figure 105. SAR ADC Configuration and Control
Table 31. -Δ Diagnostic
Input
Voltage
Recommended Voltage Reference
Notes/Result
0
Floating
Not applicable
Not applicable
1
Floating
Not applicable
Not applicable
2
280 mV differential signal
Internal/External
PGA gain calibration
3
External reference, positive/negative
External
Positive full scale
4
External reference, negative/positive
External
Negative full scale
5
External reference, negative/ negative
External
Zero scale
6
Internal reference, positive/negative
Internal
Positive Full scale
7
Internal reference, negative/positive
Internal
Negative full scale
8
Internal reference, positive/ positive
Internal
Zero scale
9
External reference, positive/ positive
External
Zero scale
Σ-Δ ADC DIAGNOSTICS (SPI CONTROL MODE)
The AD7779 -Δ ADC diagnostic functions are accessible
through the SPI interface. The internal mux placed before the
PGA has different inputs, allowing the user to select a zero-scale,
positive full-scale, or negative full-scale input to the -Δ ADC,
which can be converted to verify the correct operation of the
-Δ ADC channel.
The diagnostic mux control signals are shared across all the -Δ
channels. Depending on the diagnostic selected, connect the -
Δ ADC reference to a different reference source to guarantee
that the conversion is within the measurable range.
There are two different ways to enable the diagnostic mux:
Setting the CHx_RX bit. This bit enables the input -Δ
mux. The multiplexer inputs are described in Table 31. The
reference used during the conversions are controlled by the
REF_MUX_CTRL bits.
Setting CHx_REF_MONITOR. This bit has the same effect
as enabling the CHx_RX bit and selects the VDD1x/
AVSSx supplies as the main reference.
If the AINx± pin is connected to AVSSx, the input range is
outside range (AVSSx + 100 mV); therefore, results may differ
slightly from the expected value.
The inputs can be used alternatively to calibrate gain and offset
errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com