Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 68 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD7779 Datasheet HTML 64Page - Analog Devices AD7779 Datasheet HTML 65Page - Analog Devices AD7779 Datasheet HTML 66Page - Analog Devices AD7779 Datasheet HTML 67Page - Analog Devices AD7779 Datasheet HTML 68Page - Analog Devices AD7779 Datasheet HTML 69Page - Analog Devices AD7779 Datasheet HTML 70Page - Analog Devices AD7779 Datasheet HTML 71Page - Analog Devices AD7779 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 68 of 97
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
SOFT_RESET
Soft Reset
0x0
R/W
00
No effect
01
No effect
10
2nd write
11
1st write
GENERAL USER CONFIGURATION 2 REGISTER
Address: 0x012, Reset: 0x09, Name: GENERAL_USER_CONFIG_2
SYNC pulse generated thru SPI
1:
STARTb pin in the control module.
This bit is ANDed with the value on
0:
generate a pulse in /SYNC_IN pin.
on STARTb pin in the control m odule,
This s ignal is ANDed with the value
DOUT Drive Strength
11: Extra Strong.
10: Weak.
01: Strong.
00: Nom inal.
Sets SPI interface to read back SAR
result on SDO
SDO Drive Strength
11: Extra Strong.
10: Weak.
01: Strong.
00: Nom inal.
0
1
1
0
2
0
3
1
4
0
5
0
6
0
7
0
[7] RESERVED
[0] SPI_SYNC (R/W)
[6] RESERVED
[2:1] DOUT_DRIVE_STR (R/W)
[5] SAR_DIAG_MODE_EN (R/W)
[4:3] SDO_DRIVE_STR (R/W)
Table 62. Bit Descriptions for GENERAL_USER_CONFIG_2
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R/W
5
SAR_DIAG_MODE_EN
Sets SPI Interface to Read Back SAR Result on SDO.
0x0
R/W
[4:3]
SDO_DRIVE_STR
SDO Drive Strength.
0x1
R/W
00
Nominal.
01
Strong.
10
Weak.
11
Extra strong.
[2:1]
DOUT_DRIVE_STR
DOUTx Drive Strength.
0x0
R/W
00
Nominal.
01
Strong.
10
Weak.
11
Extra strong.
0
SPI_SYNC
SYNC Pulse Generated Through SPI.
0x1
R/W
0
This signal is AND’ed with the value on the START pin in the control module
and generates a pulse in the SYNC_IN pin.
1
This bit is AND’ed with the value on START pin in the control module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com