Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7779 Datasheet HTML 3Page - Analog Devices AD7779 Datasheet HTML 4Page - Analog Devices AD7779 Datasheet HTML 5Page - Analog Devices AD7779 Datasheet HTML 6Page - Analog Devices AD7779 Datasheet HTML 7Page - Analog Devices AD7779 Datasheet HTML 8Page - Analog Devices AD7779 Datasheet HTML 9Page - Analog Devices AD7779 Datasheet HTML 10Page - Analog Devices AD7779 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 7 of 97
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DC ACCURACY
INL
Endpoint method, PGAGAIN = 1
±7
±15
ppm of FSR
Other PGA gains
±3
±15
ppm of FSR
Offset Error
±40
±125
μV
Offset Error Drift
±0.5
μV/°C
vs. time
−2
μV/
1000 hrs
Offset Matching
25
μV
Gain Error
±0.1
% FS
Gain Drift vs. Temperature
PGAGAIN = 1
±45
ppm/°C
Gain Matching
±0.1
%
SAR ADC
Speed and Performance
Resolution
12
Bits
Analog Input Range
AVSS4 + 0.1
AVDD4 − 0.1
V
Analog Input Common-Mode
Range
AVSS4 + 0.1
(AVDD4 +
AVSS4)/2
AVDD4 − 0.1
V
Analog Input Leakage Current
±5
nA
Throughput
256
kSPS
DC Accuracy
Differential mode
INL
1.5
LSB
DNL
No missing codes (12-bit)
−0.99
+1
LSB
Offset
1
LSB
Gain
12
LSB
AC Performance
SNR
1 kHz
66
dB
THD
1 kHz
−81
dB
VCM PIN
Output
(AVDD1x +
AVSSx)/2
V
Load Current, IL
1
mA
Load Regulation, ∆VOUT/∆IL
12
mV/mA
Short-Circuit Current
5
mA
LOGIC INPUTS
Input High Voltage, VIH
0.7 × IOVDD
V
Input Low Voltage, VIL
0.4
V
Hysteresis
0.1
V
Input Currents
−10
+10
μA
LOGIC OUTPUTS3
Output High Voltage, VOH
IOVDD ≥ 3 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.3 ≤ IOVDD < 3 V, ISOURCE = 500 μA
0.8 × IOVDD
V
IOVDD < 2.3 V, ISOURCE = 200 μA
0.8 × IOVDD
V
Output Low Voltage, VOL
IOVDD ≥ 3 V, ISINK = 2 mA
0.4
V
2.3 ≤ IOVDD < 3 V, ISINK = 1 mA
0.4
V
IOVDD < 2.3 V, ISINK = 100 μA
0.4
V
Leakage Current
Floating state
−10
+10
μA
Output Capacitance
Floating state
10
pF
Σ-Δ ADC Data Output Coding
Twos
complement
SAR ADC Data Output Coding
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com