Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 5Page - Linear Technology LTC4240IGN Datasheet HTML 6Page - Linear Technology LTC4240IGN Datasheet HTML 7Page - Linear Technology LTC4240IGN Datasheet HTML 8Page - Linear Technology LTC4240IGN Datasheet HTML 9Page - Linear Technology LTC4240IGN Datasheet HTML 10Page - Linear Technology LTC4240IGN Datasheet HTML 11Page - Linear Technology LTC4240IGN Datasheet HTML 12Page - Linear Technology LTC4240IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC4240
9
4240f
long pin must be connected to 3VIN to ensure precharge
output. See Input Transient Protection section.
3VSENSE (Pin 23): 3.3V Current Limit Sense. A sense
resistor placed between 3VIN and 3VSENSE determines the
current limit for this supply. A foldback feature makes the
current limit decrease as the voltage at the 3VOUT pin
approaches 0V. To disable current limit, 3VSENSE and 3VIN
must be tied together.
3VOUT (Pin 24): 3.3V Output Sense. The PWRGD pin
cannot pull low until the 3VOUT pin voltage exceeds 2.9V.
If no 3.3V input supply is available, tie the 3VOUT pin to the
5VOUT pin. When the power switches are turned off, a
150
Ω resistor pulls 3VOUT to ground.
VEEOUT (Pin 25): –12V Supply Output. An internal 1Ω
switch is connected between VEEIN and VEEOUT. VEEOUT
must exceed –10.5V before the PWRGD pin pulls low.
When the power switches are turned off, a 650
Ω resistor
pulls VEEOUT to ground.
12VOUT (Pin 26): 12V Supply Output. A 0.5Ω switch is
connected between 12VIN and 12VOUT. 12VOUT must
exceed 11.1V before the PWRGD pin can pull low. When
the power switches are turned off, a 430
Ω resistor pulls
12VOUT to ground.
RESETIN (Pin 27): PCI Reset Input. Connect the CPCI
PCI_RST# signal to the RESETIN pin. Pulling RESETIN low
will cause RESETOUT to pull low. Note that the I2C
RESETIN latch output can also set RESETOUT. Do not
float.
OFF/ON (Pin 28): OFF/ON Input. Connect the CPCI
BD_SEL# signal to the OFF/ON pin. When the OFF/ON pin
is pulled low, the GATE pin is pulled high by a 65
µA current
source and the internal 12V and –12V switches are turned
on. When the OFF/ON pin is pulled high, the GATE pin will
be pulled to ground by a 200
µAcurrentsourceandthe12V
and –12V switches turn off.
Cycling the OFF/ON pin high and low will reset a tripped
circuit breaker and start a new power-up sequence. The
I2C OFF/ON latch output can also be used to reset the
electronic circuit breaker. Do not float.
node. An external 1k resistor between the transistor’s base
and 3VIN is needed.
PRECHARGE (Pin 18): Precharge Monitor Input. An inter-
nal error amplifier servos the DRIVE pin voltage to keep the
precharge node at 1V. Becomes valid when long 5V and
3.3V power pins make contact .Tie pins 17 and 18 together
if precharge function is unused.
GATE (Pin 19): High Side Gate Drive for the External 3.3V
and 5V N-Channel Power Transistors. An external series
RC network is required for the current limit loop compen-
sation and to set the maximum ramp-up rate. During
power-up, the slope of the voltage rise at the GATE pin is
set by the 65
µA current source charging the external GATE
capacitor or by the 3.3V or 5V current limit and the
associated output capacitor. During power-down, a 200
µA
current source pulls the GATE pin to GND.
The voltage at the GATE pin will be modulated to maintain
a constant current when either the 3.3V or 5V supply goes
into current limit and the TIMER pin is less than 5.5V. Once
the TIMER pin is above 5.5V, and in the event of a current
fault condition lasting for longer than 35
µs, the GATE pin
is immediately pulled to GND.
5VSENSE (Pin 20): 5V Current Limit Sense. A sense resistor
placed between 5VIN and 5VSENSE determines the current
limit for this supply. A foldback current feature makes the
current limit decrease as the voltage at the 5VOUT pin
approaches 0V. To disable the current limit, 5VSENSE and
5VIN must be tied together.
5VIN (Pin 21): 5V Supply Sense Input. An undervoltage
lockout circuit prevents the switches from turning on
when the voltage at the 5VIN pin is less than 4.3V. At least
one long pin must be connected to 5VINtoensureprecharge
output. See Input Transient Protection section.
3VIN (Pin 22): 3.3V Supply Sense Input. An undervoltage
lockout circuit prevents the switches from turning on
when the voltage at the 3VIN pin is less than 2.45V. If no
3.3V input supply is available, connect two series diodes
between 5VIN and 3VIN (tie anode of first diode to 5VIN and
cathode of second diode to 3VIN, Figure 15). At least one
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com