Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC4240IGN Datasheet HTML 1Page - Linear Technology LTC4240IGN Datasheet HTML 2Page - Linear Technology LTC4240IGN Datasheet HTML 3Page - Linear Technology LTC4240IGN Datasheet HTML 4Page - Linear Technology LTC4240IGN Datasheet HTML 5Page - Linear Technology LTC4240IGN Datasheet HTML 6Page - Linear Technology LTC4240IGN Datasheet HTML 7Page - Linear Technology LTC4240IGN Datasheet HTML 8Page - Linear Technology LTC4240IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4240
4
4240f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSUSTP
Stop Condition Setup Time
4
µs
tHDDAT
Data Hold Time
300
ns
tSUDAT
Data Setup Time
250
ns
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tf
Clock/Data Fall Time
300
ns
tr
Clock/Data Rise Time
1000
ns
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 12VIN = 12V, VEEIN = –12V, V3VIN = 3.3V, V5VIN = 5V unless otherwise noted.
Note 3: OFF/ON pin pulled up to 5V by 1.2k resistor.
Note 4: Parameters guaranteed by design and not tested.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
Gate Pin Fault Current
vs Temperature
Gate Pin Turn-Off Current
vs Temperature
Gate Pin Turn-On Current
vs Temperature
12VIN Supply Current
vs Temperature
3VIN Supply Current
vs Temperature
5VIN Supply Current
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
8
6
4
2
0
4.0
3.6
3.2
2.8
2.4
–25
0
25
50
4240 G01
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G04
–20
–40
–60
–80
–100
4240 G03
350
300
250
200
150
100
280
260
240
220
1.0
0.9
0.8
0.7
0.6
0.5
4240 G02
4240 G06
4240 G05
VGATE = 2V
FAULT = 0V
VGATE = 5V
OFF/ON = 2V
VGATE = 0V
OFF/ON = 0V
OFF/ON = 0V
OFF/ON = 0V
OFF/ON = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com