Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 14Page - Linear Technology LTC4240IGN Datasheet HTML 15Page - Linear Technology LTC4240IGN Datasheet HTML 16Page - Linear Technology LTC4240IGN Datasheet HTML 17Page - Linear Technology LTC4240IGN Datasheet HTML 18Page - Linear Technology LTC4240IGN Datasheet HTML 19Page - Linear Technology LTC4240IGN Datasheet HTML 20Page - Linear Technology LTC4240IGN Datasheet HTML 21Page - Linear Technology LTC4240IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4240
18
4240f
TIMER
5V/DIV
GATE
5V/DIV
12VOUT
10V/DIV
VEEOUT
10V/DIV
5VOUT
10V/DIV
3VOUT
10V/DIV
BD_SEL#
5V/DIV
FAULT
5V/DIV
10ms/DIV
4240 F06
Figure 6. Power-Up into a Short on 3.3V Output
Timer
During a power-up sequence, an 11.5
µA current source is
connected to the TIMER pin (Pin 5) and charges up the
external TIMER pin capacitor. Current limit faults are
ignored until the TIMER voltage ramps to 5.5V. This feature
allows the LTC4240 to power-up CPCI boards with widely
varying capacitive loads on the back end supplies. The
power-up time for either of the two outputs under current
limit conditions is given by the slower of:
tXV
CXV
II
or
a
t
GATE
CXV
V
A
b
ON
OUT
LOAD XVOUT
OUT
LIMIT XVOUT
LOAD XVOUT
ON
OUT
TH
()
•
•
–
()
()
()
()
()
()
()
=
=
+
µ
22
1
65
2
Where XVOUT = 5VOUT or 3VOUT. The timer period should
be set longer than the maximum supply turn-on time but
short enough to not exceed the maximum safe operating
area of the pass transistor during a short-circuit. VTH is the
threshold voltage of the external power FET (2V – 3V). The
timer period will be:
t
CV
A
TIMER
TIMER
=
•
µ
55
11 5
.
.
(3)
The TIMER pin is immediately pulled low when either
OFF/ON (Pin 28) or Bit 2 of command latch (C2) goes high.
The TIMER pin also functions as a temporary auxiliary
supply for 12VIN. In the event of a large (greater than 1V)
glitch on 12VIN, the energy stored on the timer capacitor
is used as substitute 12VIN power. This improves the
glitch immunity of the LTC4240.
Thermal Shutdown
The internal switches for the 12V and –12V supplies are
protected by current limit and thermal shutdown circuits.
When the temperature of the die reaches 150
°C, all four
switches will be latched off and the FAULT pin (Pin 7) will
be pulled low. Since there is no automatic retry, power will
have to be cycled with the OFF/ON pin or the I2C command
latch.
Short-Circuit Protection
In order to lower power dissipation in the pass transistors
and to mitigate voltage spikes on the supplies during
short-circuit conditions, the current limit on each supply
is designed to be a function of the output voltage. As the
output voltage drops, the current limit decreases. Unlike a
traditional circuit breaker function where huge currents
can flow before the breaker trips, the current foldback
feature lowers short-circuit current by at least 50% when
powering up into a short.
If any supply is in current limit after the TIMER pin voltage
has ramped to 5.5V, then all four pass transistors will be
immediately turned off and FAULT will be asserted low
(Figure 6).
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com