Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 15Page - Linear Technology LTC4240IGN Datasheet HTML 16Page - Linear Technology LTC4240IGN Datasheet HTML 17Page - Linear Technology LTC4240IGN Datasheet HTML 18Page - Linear Technology LTC4240IGN Datasheet HTML 19Page - Linear Technology LTC4240IGN Datasheet HTML 20Page - Linear Technology LTC4240IGN Datasheet HTML 21Page - Linear Technology LTC4240IGN Datasheet HTML 22Page - Linear Technology LTC4240IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC4240
19
4240f
Once the TIMER voltage has reached 5.5V, all of the
supplies will be latched off if any supply enters current
limit for at least 35
µs. The 35µs delay prevents quick
current spikes—for example, from a fan turning on—
from causing false trips of the circuit breaker.
During normal operation, the 5V and 3.3V supplies are
protected from overcurrent and short-circuit conditions
by dual-level circuit breakers. In the event that either
supply current exceeds the nominal limit, an internal timer
is started. If the supply is still overcurrent after 35
µs, the
circuit breaker trips and all the supplies are turned off
(Figure 7). If a short-circuit occurs on 5VOUT or 3VOUT and
the supply current exceeds three times the set limit, an
analog loop will limit the current to 3 times the value set
by RSENSE and 55mV. If the short persists for more than
35
µs, the LTC4240 latches off (Figure 8). It will stay in the
latched off state until it is reset using the OFF/ON pin or by
using the I2C interface. The LTC4240 can also be reset by
cycling any of the power supplies.
The current limit and the foldback current level for the 5V
and 3.3V outputs are both a function of the external sense
resistor (R1 for 3VOUT and R2 for 5VOUT, see front page).
A sense resistor is connected between 5VIN (Pin 21) and
5VSENSE (Pin 20) for the 5V supply. For the 3.3V supply, a
sense resistor is connected between 3VIN (Pin 22) and
3VSENSE (Pin23).Thecurrentlimitandthecurrentfoldback
current level are given by Equations 4 and 5:
I
mV
R
I
mV
R
LIMIT XVOUT
SENSE XVOUT
FOLDBACK XVOUT
SENSE XVOUT
()
()
()
()
()
()
=
=
55
4
11
5
where XVOUT = 5VOUT or 3VOUT.
Equation 4 is the current limit for XVOUT ≈ XVIN. Equation
5 shows the ILIMIT for shorted outputs. Both equations
assume voltage on TIMER pin is greater than 5.5V.
XVOUT = 3VOUT or 5VOUT. Note that since there are only 8
pins connecting 5VIN, RSENSE ≥ 0.007Ω for 5VIN.
The current limit for the internal 12V switch is set at
–1200mA folding back to –350mA and the –12V switch at
500mA folding back to 250mA.
Selecting RSENSE
An equivalent circuit for the 5V and 3.3V circuit breakers
is shown in Figure 9. The sense resistor and the circuit
breaker threshold voltage determine the fault current that
turns off the external FETs. Sense resistors with a 1%
tolerance are recommended. Due to part to part and
temperature variations for both the sense resistor value
and the circuit breaker threshold voltage, the actual cur-
rent limit threshold will exhibit some variation. To calcu-
late the smallest value of current that will trip the fault
comparator, use the largest value of the sense resistor and
the smallest value of the threshold voltage. A 0.005
Ω 1%
sense resistor (on the 3.3V supply, for example) with
typical temperature coefficients would increase to ap-
proximately 0.0051
Ω (nominal value multiplied by the 1%
tolerance and the TC at 70
°C). Since the minimum value of
the threshold voltage is 50mV, this implies a current limit
of 9.8A. To arrive at the largest value of the current limit
that will turn off the external FETs, the nominal value of the
APPLICATIO S I FOR ATIO
Figure 7. Overcurrent Fault on 5V
Figure 8. Short-Circuit Fault on 5V
GATE
5V/DIV
5VIN–5VSENSE
100mV/DIV
FAULT
5V/DIV
20
µs/DIV
4240 F07
GATE
5V/DIV
5VIN–5VSENSE
100mV/DIV
FAULT
5V/DIV
20
µs/DIV
4240 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com