Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 20Page - Linear Technology LTC4240IGN Datasheet HTML 21Page - Linear Technology LTC4240IGN Datasheet HTML 22Page - Linear Technology LTC4240IGN Datasheet HTML 23Page - Linear Technology LTC4240IGN Datasheet HTML 24Page - Linear Technology LTC4240IGN Datasheet HTML 25Page - Linear Technology LTC4240IGN Datasheet HTML 26Page - Linear Technology LTC4240IGN Datasheet HTML 27Page - Linear Technology LTC4240IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC4240
24
4240f
PRSNT1#
PRSNT2#
Expansion Configuration
Open
Open
No plug in board present
Ground
10k Pull-Up
Plug-in board present,
maximum power consumption
10k Pull-Up
Ground
Plug-in board present,
nominal power consumption
Ground
Ground
Plug-in board present,
minimum power consumption
Other CompactPCI Applications
If no 3.3V supply input is required, Figure 15 illustrates
how the LTC4240 should be configured.
For applications where the BD_SEL# connector pin is
grounded on the backplane, the circuit in Figure 16 allows
the LTC4240 to be reset simply by pressing a pushbutton
switch on the CPCI plug-in board. This arrangement
allows for manual resetting of the LTC4240’s circuit break-
ers.
Input Transient Protection
Hot-plugging a board into a backplane generates inrush
currents from the backplane power supplies. This is due to
the charging of the plug-in board bulk capacitance. To
reduce this transient current to a safe level, the CPCI Hot
Swap specification restricts the amount of unswitched
capacitance used on the input side of the plug-in board.
Each pin connected to the CPCI female connector on the
plug-in board is allowed at most 0.01
µF/pin. Bulk capaci-
tors are only allowed on the switched output side of the
LTC4240 (5VOUT, 3VOUT, 12VOUT, VEEOUT). Some bulk
capacitance is allowed on the Early Power planes, but only
because a current limiting resistor is assumed to separate
the connector from the bulk capacitor. Circuits normally
placed on the unswitched Early Power (PCI Bridge, for
example) need to have a current limiting resistor.
APPLICATIO S I FOR ATIO
The assumption by the CompactPCI specification is that
there is a diode to 3.3V on the circuit that is driving the
BD_SEL# pin. The 1.2k resistor pull up to 5VIN on the plug-
in card will thus be clamped by the diode to 3.3V. If the
BD_SEL# pin is being driven high, the actual voltage on the
pin will be approximately 3.9V. This is still above the high
TTL threshold of the LTC4240 OFF/ON pin, but low enough
for Q4 to disable the bus switches and thus remove the 10k
resistors from the I/O lines. Note that BD_SEL# is ordi-
narily connected to V(I/O), which in turn is allowed to be
driven by either 3.3V or 5V. For applications such as
shown in Figure 14, the pull up on BD_SEL# is restricted
to the long 5V pins. A bus switch with no internal diode to
VDD is preferred. Since the power to the bus switch is
derived from one of the unswitched power planes, a 100
Ω
resistor plus a 0.1
µF bypass capacitor should be placed in
series with its power supply.
When the plug-in card is removed from the connector, the
BD_SEL# connection is broken first, and the BD_SEL#
voltage pulls up to 5V. This causes Q4 to turn off, which re-
enables the bus switch, and the precharge resistors are
again connected to the LTC4240 PRECHARGE pin for the
remainder of the board extraction process.
The LTC4240 BE pin can alternatively be used to drive the
enable input of the bus switch. The BE signal would then
keep the I/O lines precharged until all supplies reached
power good status. The resistor in series with the
PRECHARGE pin protects the internal circuitry from large
voltage transients during live insertion.
PRSNT1#, PRSNT2#
PRSNT1# and PRSNT2# are PCI signals that convey the
plug-in board’s power consumption information. These
pins should either be shorted to ground or be connected
to Early Power with a 10k resistor. The voltage levels (TTL)
at the PRSNT#1, 2 pins can be read using the I2C 2-wire
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com