Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC4240IGN Datasheet HTML 1Page - Linear Technology LTC4240IGN Datasheet HTML 2Page - Linear Technology LTC4240IGN Datasheet HTML 3Page - Linear Technology LTC4240IGN Datasheet HTML 4Page - Linear Technology LTC4240IGN Datasheet HTML 5Page - Linear Technology LTC4240IGN Datasheet HTML 6Page - Linear Technology LTC4240IGN Datasheet HTML 7Page - Linear Technology LTC4240IGN Datasheet HTML 8Page - Linear Technology LTC4240IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4240
1
4240f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®4240 is a Hot SwapTM controller that allows a board
to be safely inserted and removed from a live CompactPCI
bus slot. The LTC4240 has a built-in 2-wire I2C compatible
interface to allow software control and monitoring of
device function and power supply status. Two external
N-channel transistors control the 3.3V and 5V supplies,
while two internal switches control the –12V and 12V
supplies. Electronic circuit breakers protect all four supplies
against overcurrent faults. The PWRGD output indicates
when all of the supply voltages are within tolerance. The
OFF/ON pin is used to cycle the board power or reset the
circuit breaker. The I2C interface allows the user to turn the
device off or on, set RESETOUT, turn on the status LED
driver and ignore 12V, –12V faults. It also allows the user
to read the status of the FAULT, RESETIN, RESETOUT,
PWRGD, PRSNT1# and PRSNT2# pins. Under a fault
condition, the I2C interface can also be used to determine
which of the four supplies generated the fault. The LTC4240
is available in a 28-pin narrow SSOP package.
s
Hot Board Insertion into CompactPCI Bus
s
Electronic Circuit Breaker
s
Allows Safe Board Insertion and Removal from a
Live CompactPCI
TM Bus
s
I2C
TM Compatible 2-Wire Interface
s
PRECHARGE Output Biases I/O Pins During Card
Insertion and Extraction
s
Controls 3.3V, 5V, 12V and –12V Supplies
s
Foldback Current Limit with Circuit Breaker
s
LOCAL_PCI_RST# Logic On-Board
s
QuickSwitch
® Enable Output
s
Status LED Driver
s
User Programmable Supply Voltage Power-Up Rate
s
Registers Individual Supply Faults
s
Available in a 28-Pin Narrow SSOP Package
CompactPCI Hot Swap
Controller with I2C Compatible Interface
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
QuickSwitch is a registered trademark of Quality Semiconductor Corp.
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group.
I2C is a trademark of Philips Electronics N.V.
C5
0.01
µF
C1
0.047
µF
C4
0.01
µF
GND
12VIN
VEEIN
OFF/ON
FAULT
PWRGD
RESETIN
3VIN
3VIN
5VIN
3VSENSE
3VOUT
5VIN
LTC4240
PRECHARGE
DRIVE
5VOUT
5VSENSE
GATE
12VOUT
VEEOUT
TIMER
RESETOUT
EARLY
V(I/O)
R16
10k
R18
1k
R17, 1.2k
R3
10
Ω
5VIN
R4
10
Ω
R15
2k
R30
1k
R29
10
Ω
5VOUT
5V AT 5A
3VOUT
3.3V AT 7.6A
12VOUT
12V AT 500mA
VEEOUT
–12V AT 100mA
4240 TA01
R11
18
Ω
3VIN
3VOUT
R6
10k
R5
1k
R8, 1k
R7, 12
Ω
C3, 4.7nF
R9
24
Ω
R1
0.005
Ω
Q1
Si7880DP
Q2
Si7880DP
R2
0.007
Ω
C2
0.1
µF
R13
10
Ω
R14
10
Ω
MEDIUM 5V
LONG 5V
MEDIUM 3.3V
LONG 3.3V
LONG V(I/O)
12V
–12V
BD_SEL#
HEALTHY#
PCI_RST#
GROUND
TO PCI BRIDGE
DEVICE OR
EQUIVALENT
BE
DGND
LED
SCL
SDA
R19
2.55k
1%
R20
1.91k
1%
PRSNT2#
PRSNT1#
ADDRIN
SCL
SDA
C8
0.01
µF
PER
PIN
CLOAD (5VOUT)
CLOAD (3VOUT)
CLOAD (12VOUT)
CLOAD (VEEOUT)
C7
0.01
µF
PER
PIN
C6
0.01
µF
5VIN
Z4
Z1
Z2
Z1, Z2: SMAJ12CA
Z3, Z4: IPMT5.0AT3
Z3
CompactPCI
BACKPLANE
CONNECTOR
(FEMALE)
CompactPCI
BACKPLANE
CONNECTOR
(MALE)
LOCAL_PCI_RST#
R10
100
Ω
TO
QUICKSWITCH
®
ENABLE
Q3
MMBT2222A
R12
10k
R22, 2.74
Ω
R21, 1.74
Ω
R25, 1.2k
R28, 200
Ω
+
+
+
C9
10nF
C10
10nF
C11
10nF


Similar Part No. - LTC4240IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
More results

Similar Description - LTC4240IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com