Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 10Page - Linear Technology LTC4240IGN Datasheet HTML 11Page - Linear Technology LTC4240IGN Datasheet HTML 12Page - Linear Technology LTC4240IGN Datasheet HTML 13Page - Linear Technology LTC4240IGN Datasheet HTML 14Page - Linear Technology LTC4240IGN Datasheet HTML 15Page - Linear Technology LTC4240IGN Datasheet HTML 16Page - Linear Technology LTC4240IGN Datasheet HTML 17Page - Linear Technology LTC4240IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC4240
14
4240f
APPLICATIO S I FOR ATIO
Table 2. Command Byte Definitions
HIGH
LOW
POWER-UP STATE
C7
Don’t care
Don’t care
N/A
C6
Don’t care
Don’t care
N/A
C5
Ignore VEEOUT faults
Don’t ignore VEEOUT faults
LOW
C4
Ignore 12VOUT faults
Don’t ignore 12VOUT faults
LOW
C3
Sets RESETOUT
Does not set RESETOUT low
LOW
C2
Turns OFF/ON to OFF
Does not set OFF/ON
LOW
Overrides OFF/ON pin
Does not override OFF/ON pin
C1
Turns on LED open drain
Does not turn on LED open drain
LOW
C0
Don’t care
Don’t care
N/A
Figure 1. Send Byte Protocol
Figure 2. Send Byte Command Latch and Logic
SCL
12
34
5
6
7
8
9
1
2
3
4
5
6
7
8
9
STOP
SDA
START
ACK
ACK
R/WR=0
ADDR 4
ADDR 3
ADDR 2
ADDR 1
ADDR 0
C5
C4
C3
C2
C1
XX
01
XX
XX
LATCH
COMMAND BYTE
ADDRESS BYTE
COMMAND BYTE
4240 F01
4240 F02
C3 IS USED TO SET
LOCAL_PCI_RST# (RESETOUT).
C2 PULLS DOWN THE GATE OF THE
EXTERNAL N-CHANNEL SWITCHES. IT
ALSO TURNS OFF THE 12VIN AND VEEIN
INTERNAL POWER SWITCHES.
C3
C2
C1
RESETIN
PWRGD
OFF/ON
GATE
RESETOUT
RESETOUT
LED
C1 TURNS ON THE EXTERNAL STATUS
LED INDEPENDENT OF RESETOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com