Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 20Page - Linear Technology LTC4240IGN Datasheet HTML 21Page - Linear Technology LTC4240IGN Datasheet HTML 22Page - Linear Technology LTC4240IGN Datasheet HTML 23Page - Linear Technology LTC4240IGN Datasheet HTML 24Page - Linear Technology LTC4240IGN Datasheet HTML 25Page - Linear Technology LTC4240IGN Datasheet HTML 26Page - Linear Technology LTC4240IGN Datasheet HTML 27Page - Linear Technology LTC4240IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC4240
26
4240f
CURRENT FLOW
TO SOURCE
*ADDITIONAL DETAILS OMITTED FOR CLARITY. DRAWING IS NOT TO SCALE!
4240 F18
TRACK WIDTH W:
0.03" PER AMPERE
ON 1OZ Cu FOIL
D
D
D
D
G
S
S
S
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
SENSE
RESISTOR
VIA TO
GND PLANE
GND
GND
5VOUT
5V
5VIN
5V
VIA/PATH
TO GND
GATE
R4
R5
C1
CTIMER
W
W
W
POWER
MOSFET
LTC4240CGN*
SIMILAR LAYOUT
FOR 3.3V RAIL
NOT SHOWN
Note (see front page schematic) that the 12V and –12V
show 0.01
µF snubber capacitors. This is consistent with
the CPCI specification since we also recommend a 10
Ω
snubber resistor. The 12VIN pin is the most sensitive to
high energy large voltage transients. A transient voltage
suppressor with a breakdown voltage between 13.2V and
15V is advisable. The TVS should also be able to dissipate
at least 150W. The SMAJ12CA can be used for both 12VIN
and VEEIN. Place the TVS close to the LTC4240. See front
page schematic.
Figure 18. Recommended Layout for Power MOSFET,
Sense Resistor and GATE Components for the 5V Rail.
Similar Layout for 3.3V Rail Not Shown
APPLICATIO S I FOR ATIO
PCB Layout Considerations
For proper operation of the LTC4240’s circuit breaker
function, a 4-wire Kelvin connection to the sense resistors
is highly recommended. A recommended PCB layout for
the sense resistor, the power MOSFET, and the GATE drive
components around the LTC4240 is illustrated in
Figure 18. The drawing is not to scale and is only intended
to show the low resistance, external high current path. In
hot swap applications where load currents can reach 10A,
narrow PCB tracks exhibit more resistance than wider
tracks and operate at more elevated temperatures. Since
the sheet resistance of 1 ounce copper is approximately
0.5m
Ω/square, track resistances add up quickly in high-
current applications. Thus, to keep PCB track resistance
and temperature rise to a minimum, the suggested trace
width in these applications for 1 ounce copper is 0.03" for
each ampere of DC current.
In order to help dissipate the heat generated by the power
MOSFET, the copper trace connected to the drain should
be made as large as possible.
In the majority of applications, it will be necessary to use
plated-through vias to make circuit connections from
component layers to power and ground layers internal to
the PC board. For 1 ounce copper plating, a general rule is
1A of DC current per via, making sure the via is properly
dimensioned so that solder completely fills any void. For
other plating thicknesses, check with your PCB fabrication
facility.
Power MOSFET and Sense Resistor Selection
Table 7 lists some current MOSFET transistors that are
available. Table 8 lists some current sense resistors that
can be used with the LTC4240’s circuit breakers. Table 9
lists supplier web site addresses for discrete components
mentioned throughout the LTC4240 data sheet. High
current applications should select a MOSFET with very
low on-resistance and good transient thermal character-
istics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com