Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 7Page - Linear Technology LTC4240IGN Datasheet HTML 8Page - Linear Technology LTC4240IGN Datasheet HTML 9Page - Linear Technology LTC4240IGN Datasheet HTML 10Page - Linear Technology LTC4240IGN Datasheet HTML 11Page - Linear Technology LTC4240IGN Datasheet HTML 12Page - Linear Technology LTC4240IGN Datasheet HTML 13Page - Linear Technology LTC4240IGN Datasheet HTML 14Page - Linear Technology LTC4240IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC4240
11
4240f
The LTC4240 is a Hot Swap controller that allows a board
to be safely inserted and removed from a CompactPCI bus
slot. The LTC4240 has built-in 2-wire I2C compatible
interface hardware to allow software control and monitor-
ing of device function and power supply status.
Hot Circuit Insertion
When a circuit board is inserted into a live CompactPCI
(CPCI) backplane slot, supply bypass capacitors on the
board can draw huge supply transient currents from the
CPCI backplane power bus. The transient currents can
cause glitches on the power bus, thus causing other
boards in the system to reset.
The LTC4240 is designed to turn a board’s supply voltages
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live CPCI slot without
disturbing the system power supplies. The device also
protects the supplies from shorts, precharges the bus I/O
pins during insertion and extraction and monitors the
supply voltages. The LTC4240 includes an I2C compatible
interface, which allows software control of device func-
tions.
The LTC4240 is specifically designed for CPCI applica-
tions where it resides on the plug-in board. For best
results, a well bypassed backplane is recommended.
LTC4240 Feature Summary
• Allows safe board insertion and removal from a CPCI
backplane. Status LED visually identifies when a board
is ready for removal.
• Controls all four CPCI supplies: –12V, 12V, 3.3V and
5V.
• Foldback current limit: An analog current limit with a
value that depends on the output voltage. If the output
is shorted to ground, the current limit drops to keep
power dissipation and supply glitches to a minimum.
• 12V and –12V circuit breakers: if either supply remains
in current limit for more than 35
µs, the circuit breaker
will trip, the supplies will turn off and the FAULT pin
pulls low.
• Adjustable 5V and 3.3V circuit breakers: if either supply
exceeds current limit for more than 35
µs, the circuit
breaker will trip, the supplies will be turned off and the
FAULT pin will be pulled low. In addition, an analog loop
will servo the GATE pin to limit the current to three times
circuit breaker limit during transient conditions.
•I2C interface: software control allows user to both write
to and read from the device. The user can turn the
device off and on, set the status LED, set RESETOUT
and disable faults on 12VIN and VEEIN. The user can also
read the device status: FAULT, RESETIN, RESETOUT
PWRGD, PRSNT1#, PRSNT2#, FAULTCODE0 and
FAULTCODE1. If a fault occurs, the FAULTCODE bits
identify which supply generated the fault.
• Current limit during power-up: the supplies are allowed
to power-up in current limit. This allows the LTC4240 to
power-up boards with widely varying capacitive loads
without tripping the circuit breaker. The maximum
allowable power-up time is programmable using an
external capacitor connected to the TIMER pin. See
TIMER section
• Internal 12V and –12V power switches.
• PWRGD output: indicates the voltage status of the four
supply voltages.
• PCI_RST# is combined with HEALTHY# and
with the I2C RESETIN latch output to create
LOCAL_PCI_RST# output. If HEALTHY# asserts,
LOCAL_PCI_RST# is asserted independent of the other
two inputs.
• Precharge output: an internal reference and amplifier
provide 1V for biasing bus I/O connector pins during
CPCI card insertion and extraction.
• Space saving 28-pin SSOP package.
I2C Interface
The LTC4240 incorporates an I2C compatible 2-wire (clock
and data) interface that allows the user to easily query and
control the status of the LTC4240. A single analog input
pin selects 1 of 32 allowed addresses. The I2C bus can be
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com