Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4240IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 19Page - Linear Technology LTC4240IGN Datasheet HTML 20Page - Linear Technology LTC4240IGN Datasheet HTML 21Page - Linear Technology LTC4240IGN Datasheet HTML 22Page - Linear Technology LTC4240IGN Datasheet HTML 23Page - Linear Technology LTC4240IGN Datasheet HTML 24Page - Linear Technology LTC4240IGN Datasheet HTML 25Page - Linear Technology LTC4240IGN Datasheet HTML 26Page - Linear Technology LTC4240IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC4240
23
4240f
APPLICATIO S I FOR ATIO
than 2
µA, then a 50K resistor can be connected directly
from the 1V bias voltage to the I/O line. However, many ICs
connected to the I/O lines can have leakage currents up to
10
µA. For these applications, a 10k resistor is used but
must be disconnected when the board has been seated as
determined by the state of the BD_SEL# signal. Figure 14
shows a precharge circuit that uses a bus switch to
GND
5VIN
OFF/ON
5VIN
LTC4240*
PRECHARGE
DRIVE
21
28
18
17
Z4: 1PMT5.0AT3
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DATA BUS
I/O
4240 F14
Q3
MMBT2222A
10
R11
18
Ω, 5%
R18
1k, 5%
3VIN
RI01
10
Ω
5%
RPRE1
10k
5%
RPRE128
10k
5%
PRECHARGE OUT
1V
±10%
IOUT = ±55mA
I/O
RI0128
10
Ω
5%
R22
2.74
Ω
R8
1k, 5%
R7
12
Ω, 5%
C3, 4.7nF
R9
24
Ω
PCI
BRIDGE
CHIP
MEDIUM 5V
LONG 5V
BD_SEL#
GROUND
I/O PIN 1
I/O PIN 128
Z4
UP TO 128 I/O LINES
0.1
µF
100
Ω
LONG
5V
Q4
MMBT3906
R26
51.1k, 5%
R27
75k
5%
BUS SWITCH
VDD
OE
OUT
OUT
IN
CompactPCI
BACKPLANE
CONNECTOR
(FEMALE)
CompactPCI
BACKPLANE
CONNECTOR
(MALE)
R17
1.2k
5%
Figure 14. Precharge Bus Switch Application Circuit for 3.3V and Universal Hot Swap Boards
Figure 13.Precharge Application Circuit for 5V Signaling Systems
GND
5VIN
OFF/ON
5VIN
LTC4240*
PRECHARGE
DRIVE
21
28
18
17
Z4: 1PMT5.0AT3
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DATA BUS
I/O
4240 F13
PRECHARGE OUT
1V
±10%
IOUT = ±55mA
RPRE1
10k
5%
R11
18
Ω, 5%
R18
1k, 5%
3VIN
RI01
10
Ω
5%
I/O
RI0128
10
Ω
5%
R17
1.2k
5%
R22
2.74
Ω
RPRE128
10k
5%
R8
1k, 5%
R7
12
Ω, 5%
C3, 4.7nF
R9
24
Ω
PCI
BRIDGE
CHIP
MEDIUM 5V
LONG 5V
BD_SEL#
GROUND
I/O PIN 1
I/O PIN 128
LONG
5V
Z4
UP TO 128 I/O LINES
Q3
MMBT2222A
CompactPCI
BACKPLANE
CONNECTOR
(FEMALE)
CompactPCI
BACKPLANE
CONNECTOR
(MALE)
connect the individual 10k precharge resistors to the
LTC4240 1V PRECHARGE pin. The electrical connection is
made (bus switches close) when the voltage on the
BD_SEL# pin of the plug-in card is above 4.4V, which
occurs just after the long pins have made contact. The bus
switches are subsequently electrically disconnected when
the board connector makes contact with the BD_SEL# pin
(bus switch OE pin is pulled high by Q4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com