Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 3Page - Richtek Technology Corporation RT4813 Datasheet HTML 4Page - Richtek Technology Corporation RT4813 Datasheet HTML 5Page - Richtek Technology Corporation RT4813 Datasheet HTML 6Page - Richtek Technology Corporation RT4813 Datasheet HTML 7Page - Richtek Technology Corporation RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4813-00
April
2016
www.richtek.com
7
Typical Operating Characteristics
Efficiency vs. Output Curent
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
3000
Output Current (mA)
VIN = 4.2V
VIN = 3.7V
VIN = 3.3V
VIN = 2.5V
VIN = 1.8V
VOUT = 5V, L = 1.5μH (TDK SPM6530),
COUT = 22μF x 2, Load = 1mA to 3A
VIN = 2.5V, VOUT = 5V, IOUT = 0mA
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
LX
(2V/Div)
VOUT_ac
(50mV/Div)
Output Voltage Ripple
Time (10
s/Div)
LX
(2V/Div)
VOUT_ac
(50mV/Div)
Output Voltage Ripple
Time (10
s/Div)
VIN = 3.6V, VOUT = 5V, IOUT = 0mA
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
LX
(2V/Div)
VOUT_ac
(50mV/Div)
Output Voltage Ripple
Time (10
s/Div)
VIN = 4.2V, VOUT = 5V, IOUT = 0mA
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
LX
(2V/Div)
VOUT_ac
(20mV/Div)
Time (1
s/Div)
Output Voltage Ripple
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
VIN = 2.5V, VOUT = 5V, IOUT = 1000mA
LX
(2V/Div)
VOUT_ac
(20mV/Div)
VIN = 3.6V, VOUT = 5V, IOUT = 1000mA
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
Output Voltage Ripple
Time (1
s/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com