Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 4Page - Richtek Technology Corporation RT4813 Datasheet HTML 5Page - Richtek Technology Corporation RT4813 Datasheet HTML 6Page - Richtek Technology Corporation RT4813 Datasheet HTML 7Page - Richtek Technology Corporation RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation RT4813 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4813-00
April
2016
8
LX
(2V/Div)
VOUT_ac
(20mV/Div)
Output Voltage Ripple
Time (1
s/Div)
VIN = 4.2V, VOUT = 5V, IOUT = 1000mA
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
IOUT
(1A/Div)
VOUT_ac
(500mV/Div)
Time (250
s/Div)
Load Transient Response
VIN = 2.5V, VOUT = 5V, IOUT = 1.5A to 3A
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
Slew rate = 100mA/
μs
IOUT
(1A/Div)
VOUT_ac
(500mV/Div)
Time (250
s/Div)
Load Transient Response
VIN = 3.7V, VOUT = 5V, IOUT = 1.5A to 3A
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
Slew rate = 100mA/
μs
IOUT
(1A/Div)
VOUT_ac
(500mV/Diiv)
Load Transient Response
Time (250
s/Div)
VIN = 4.2V, VOUT = 5V, IOUT = 1.5A to 3A
L = 1.5
H (TDK SPM6530), C
OUT = 22F x 2
Slew rate = 100mA/
μs
IOUT
(1A/Div)
VOUT_ac
(500mV/Diiv)
Time (250
s/Div)
Load Transient Response
VIN = 2.5V, VOUT = 5V, IOUT = 50mA to 150mA
L = 1.5
H, C
OUT = 22F x 2
Slew rate = 5mA/
μs
Time (250
s/Div)
Load Transient Response
IOUT
(1A/Div)
VOUT_ac
(500mV/Diiv)
VIN = 3.7V, VOUT = 5V, IOUT = 50mA to 150mA
L = 1.5
H, C
OUT = 22F x 2
Slew rate = 5mA/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com