Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation RT4813 Datasheet HTML 12Page - Richtek Technology Corporation RT4813 Datasheet HTML 13Page - Richtek Technology Corporation RT4813 Datasheet HTML 14Page - Richtek Technology Corporation RT4813 Datasheet HTML 15Page - Richtek Technology Corporation RT4813 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4813-00
April
2016
www.richtek.com
13
Application Information
Enable
The device can be enabled or disabled by the EN pin.
When the EN pin is higher than the threshold of
logic-high, the device starts operating with soft-start.
Once the EN pin is set at low, the device will be shut
down. In shutdown mode, the converter stops
switching, internal control circuitry is turned off, and
the load is disconnected from the input. This also
means that the output voltage can drop below the
input voltage during shutdown.
Soft-Start State
After the successful completion of the LIN state (VOUT
≥ VIN  300mV), the regulator begins switching with
boost valley-current limited value 3500mA.
During Soft-Start state, VOUT is ramped up by Boost
internal loop. If VOUT fails to reach target value during
the Soft-Start period for more than 2ms, a fault
condition is declared.
Output Voltage Setting
The output voltage is adjustable by an external
resistive divider. The resistive divider must be
connected between VOUT, FB and GND. When the
output voltage is regulated properly, the typical value
of the voltage at the FB pin is 500mV. Output voltage
can be calculated by equation as below :
OUT
FB
V
R1 R2
1
V



Power Save Mode
PSM is the way to improve efficiency at light load.
When the output voltage is lower than a set threshold
voltage, the converter will operate in PSM.
It raises the output voltage with several pulses until
the loop exits PSM.
Under-Voltage Lockout
The under-voltage lockout circuit prevents the device
from operating incorrectly at low input voltages. It
prevents the converter from turning on the power
switches under undefined conditions and prevents the
battery from deep discharge. VIN voltage must be
greater than 1.65V to enable the converter. During
operation, if VIN voltage drops below 1.55V, the
converter is disabled until the supply exceeds the
UVLO rising threshold. The RT4813 automatically
restarts if the input voltage recovers to the input
voltage UVLO high level.
Thermal Shutdown
The device has a built-in temperature sensor which
monitors the internal junction temperature. If the
temperature exceeds the threshold, the device stops
operating. As soon as the IC temperature has
decreased below the threshold with a hysteresis, it
starts operating again. The built-in hysteresis is
designed
to
avoid
unstable
operation
at
IC
temperatures near the over temperature threshold.
Inductor Selection
The recommended nominal inductance value is
1.5
H
It is recommended to use inductor with dc saturation
current
≥ 5000mA
Table 1. List of Inductors
Manufacturer
Series
Dimensions (in mm)
Saturation Current (mA)
TDK
SPM6530T
7.1 x 6.5 x 3.0
11500
Taiyo Yuden
NRS5040T
5.15 x 5.15 x 4.2
6400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com