Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 7Page - Richtek Technology Corporation RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation RT4813 Datasheet HTML 12Page - Richtek Technology Corporation RT4813 Datasheet HTML 13Page - Richtek Technology Corporation RT4813 Datasheet HTML 14Page - Richtek Technology Corporation RT4813 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4813-00
April
2016
www.richtek.com
11
I
2C Register
Function Register Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Config
0X01
Meaning
Reversed ILIM_OFF
IPCHG
DRV_SEL<2:0>
SSFM
Default
0
0
0
1
1
1
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ILIM_OFF
Boost valley current limit setting
0 : Boost current limit enable (default)
1 : Boost current limit disable
IPCHG
Pre-charge current setting.
00 : 0.5A
01 : 1A (default)
10 : 1.5A
11 : 2A
DRV_SEL<2:0>
LG driver driving capability
000 : Slowest
:
:
111 : Fastest (default)
SSFM
Spread spectrum setting.
0 : Spread spectrum disable (default)
1 : Spread spectrum enable
Function Register Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Charger
Control 3
0X03
Meaning
ILIM_SS<7:4>
ILIM_AVG<3:0>
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ILIM_SS<7:4>
Soft-start period boost current limit setting. The default current is 1500mA.
Code
Current
Code
Current
Code
Current
Code
Current
0000
1500mA
(default)
0100
1500mA
1000
2500mA
1100
4500mA
0001
1500mA
0101
1500mA
1001
3000mA
1101
5000mA
0010
1500mA
0110
1500mA
1010
3500mA
1110
5500mA
0011
1500mA
0111
2000mA
1011
4000mA
1111
6000mA
ILIM_AVG<3:0>
Average Output Current limit setting. The default current is 3000mA.
Code
Current
Code
Current
Code
Current
Code
Current
0000
3100mA
(Default)
0100
2420mA
1000
1740mA
1100
1060mA
0001
2930mA
0101
2250mA
1001
1570mA
1101
890mA
0010
2760mA
0110
2080mA
1010
1400mA
1110
720mA
0011
2590mA
0111
1910mA
1011
1230mA
1111
550mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com