Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4813 Datasheet HTML 1Page - Richtek Technology Corporation RT4813 Datasheet HTML 2Page - Richtek Technology Corporation RT4813 Datasheet HTML 3Page - Richtek Technology Corporation RT4813 Datasheet HTML 4Page - Richtek Technology Corporation RT4813 Datasheet HTML 5Page - Richtek Technology Corporation RT4813 Datasheet HTML 6Page - Richtek Technology Corporation RT4813 Datasheet HTML 7Page - Richtek Technology Corporation RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4813-00
April
2016
www.richtek.com
3
Operation
RT4813 combined built-in power transistors, synchronous
rectification, and low supply current, it provides a compact
solution for system using advanced Li-Ion battery
chemistries.
In boost mode, output voltage regulation is guaranteed to
a maximum load current of 3.1.A. Quiescent current in
Shutdown mode is less than 1
A, which maximizes
battery life.
Mode
Depiction
Condition
LIN
LIN 1
Linear startup 1
VIN > VOUT
LIN 2
Linear startup 2
VIN > VOUT
Soft-Start
Boost soft-start
VOUT < VOUT(MIN)
Boost
Boost mode
VOUT = VOUT(MIN)
LIN State
When VIN is rising, it enters the LIN State. There are
two parts for the LIN state. It provides maximum current
for 1A to charge the COUT in LIN1, and the other one is
for 2A in LIN2. By the way, the EN is pulled high and
VIN > UVLO.
As the figure shown, if the timeout is over the
specification, it will enter the Fault mode.
EN = 1,
Vin > UVLO
LIN 1
Soft-Start
LIN 2
Fault
State
Boost
mode
Timeout < 512
μs
Timeout > 512
μs
Timeout > 1024
μs
Timeout
< 1024
μs
Figure 1. RT4813 State Chart
Startup and Shutdown State
When VIN is rising and through the LIN state, it will
enter the Startup state. If EN is pulled low, any function
is turned-off in shutdown mode.
Soft-Start State
It starts to switch in Soft-start state. After the LIN state,
output voltage is rising with the internal reference
voltage.
Fault State
As the Figure 1 shown, it will enter to the Fault state as
below,
The timeout of LIN2 is over the 1024
s.
It will be the high impedance between the input and
output when the fault is triggered. A restart will be start
after 20ms.
OCP
The converter senses the current signal when the
high-side P-MOSFET turns on. As a result, the OCP is
cycle by-cycle current limitation. If the OCP occurs, the
converter holds off the next on pulse until inductor
current drops below the OCP limit.
OTP
The converter has an over-temperature protection.
When the junction temperature is higher than the
thermal shutdown rising threshold, the system will be
latched and the output voltage will no longer be
regulated until the junction temperature drops under
the falling threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com