Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation RT4813 Datasheet HTML 12Page - Richtek Technology Corporation RT4813 Datasheet HTML 13Page - Richtek Technology Corporation RT4813 Datasheet HTML 14Page - Richtek Technology Corporation RT4813 Datasheet HTML 15Page - Richtek Technology Corporation RT4813 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4813-00
April
2016
www.richtek.com
15
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
C. The
junction to ambient thermal resistance,
JA, is layout
dependent. For UQFN-9L 2x2 (FC) package, the
thermal resistance,
JA, is 111.5C/W on a standard
JEDEC 51-7 four-layer thermal test board. The
maximum power dissipation at TA = 25C can be
calculated by the following formula :
PD(MAX) = (125C  25C) / (111.5C/W) = 0.89W for
UQFN-9L 2x2 (FC) package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
JA. The derating curve in Figure 3
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
Figure 3. Derating Curve of Maximum Power
Dissipation
Layout Consideration
The PCB layout is an important step to maintain the
high performance of RT4813.
Both the high current and the fast switching nodes
demand full attention to the PCB layout to save the
robustness of the RT4813 through the PCB layout.
Improper layout might show the symptoms of poor line
or load regulation, ground and output voltage shifts,
stability issues, unsatisfying EMI behavior or worsened
efficiency. For the best performance of the RT4813, the
following PCB layout guidelines must be strictly
followed.
Input/Output capacitors must be placed as close as
possible to the Input/Output pins.
SW should be connected to Inductor by wide and
short trace, keep sensitive components away from
this trace.
The feedback divider should be placed as close as
possible to the FB pin.
Vin
Vout
GND
GND
Cout
Cout
L
Figure 4. PCB Layout Guide
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com