Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation RT4813 Datasheet HTML 12Page - Richtek Technology Corporation RT4813 Datasheet HTML 13Page - Richtek Technology Corporation RT4813 Datasheet HTML 14Page - Richtek Technology Corporation RT4813 Datasheet HTML 15Page - Richtek Technology Corporation RT4813 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4813-00
April
2016
14
Input Capacitor Selection
At least two capacitor and capacitance is 22
F with
rating voltage is 16V for DC bias input capacitor is
recommended to improve transient behavior of the
regulator and EMI behavior of the total power supply
circuit for LX. And at least a 1
F ceramic capacitor
placed as close as possible to the VIN and GND pins
of the IC is recommended.
Output Capacitor Selection
At least 22
F x 2 capacitors is recommended to
improve VOUT ripple.
Output voltage ripple is inversely proportional to
COUT.
Output capacitor is selected according to output ripple
which is calculated as :
LOAD
RIPPLE(P P)
ON
OUT
IN
ON
SW
SW
OUT
IN
LOAD
OUT
SW
OUT
RIPPLE(P P)
SW
SW
I
Vt
C
and
V
t
t
D
t
1
V
therefore :
VI
C
t
1
VV
and
1
t
f


 
 



 


The maximum VRIPPLE occurs at minimum input
voltage and maximum output load.
Output Discharge Function
With the EN pin set to low, the VOUT pin is internally
connected to GND for 10ms by an internal discharge
N-MOSFET switch. After the 10ms, IC will be
true-shut down.
This feature prevents residual charge voltages on
capacitor connected to VOUT pins, which may impact
proper power up of the system.
Valley Current Limit
RT4813 employs a valley-current limit detection
scheme to sense inductor current during the off-time.
When the loading current is increased such that the
loading is above the valley current limit threshold, the
off-time is increased until the current is decreased to
valley-current threshold. Next on-time begins after
current is decreased to valley-current threshold.
On-time is decided by (VOUT VIN) / VOUT ratio. The
output voltage decreases when further loading
current
increase.
The
current
limit function is
implemented by the scheme, refer to Figure 2.
Average Output Current Limit
RT4813 features the average output current limit to
protect the output terminal. When the load current is
over the limit, output current will be clamped.
Valley Current Limit
IIN (DC)
IL
Inductor Current
V
D
IN
I =
L
Lf

f
IIN (DC)
Figure 2. Inductor Currents In Current Limit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com